Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG3304BCPZ-REEL7 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADG3304BCPZ-REEL7
Szczegółowy opis  Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG3304BCPZ-REEL7 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADG3304BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG3304BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG3304BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG3304BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG3304BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG3304BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG3304BCPZ-REEL7 Datasheet HTML 12Page - Analog Devices ADG3304BCPZ-REEL7 Datasheet HTML 13Page - Analog Devices ADG3304BCPZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADG3304
Data Sheet
Rev. D | Page 10 of 20
0
1
2
3
4
5
6
7
8
9
10
13
18
23
28
33
38
43
48
53
CAPACITIVE LOAD (pF)
TA = 25°C
1 CHANNEL
DATA RATE = 50kbps
VCCA = 1.2V, VCCY = 1.8V
VCCA = 1.8V, VCCY = 3.3V
VCCA = 3.3V, VCCY = 5V
Figure 17. Rise Time vs. Capacitive Load at Pin A (Y
→A Level Translation)
13
18
23
28
33
38
43
48
53
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
CAPACITIVE LOAD (pF)
TA = 25°C
1 CHANNEL
DATA RATE = 50kbps
VCCA = 1.2V, VCCY = 1.8V
VCCA = 1.8V, VCCY = 3.3V
VCCA = 3.3V, VCCY = 5V
Figure 18. Fall Time vs. Capacitive Load at Pin A (Y
→A Level Translation)
0
2
4
6
8
10
12
14
13
23
33
43
53
63
73
CAPACITIVE LOAD (pF)
TA = 25°C
1 CHANNEL
DATA RATE = 50kbps
VCCA = 1.2V, VCCY = 1.8V
VCCA = 1.8V, VCCY = 3.3V
VCCA = 3.3V, VCCY = 5V
Figure 19. Propagation Delay (tPLH) vs.
Capacitive Load at Pin Y (A
→Y Level Translation)
0
2
4
6
8
10
12
13
23
33
43
53
63
73
CAPACITIVE LOAD (pF)
DATA RATE = 50kbps
TA = 25°C
1 CHANNEL
VCCA = 1.2V, VCCY = 1.8V
VCCA = 1.8V, VCCY = 3.3V
VCCA = 3.3V, VCCY = 5V
Figure 20. Propagation Delay (tPHL) vs.
Capacitive Load at Pin Y (A
→Y Level Translation)
0
1
2
3
4
5
6
7
8
9
13
18
23
28
33
38
43
48
53
CAPACITIVE LOAD (pF)
TA = 25°C
1 CHANNEL
DATA RATE = 50kbps
VCCA = 1.2V, VCCY = 1.8V
VCCA = 1.8V, VCCY = 3.3V
VCCA = 3.3V, VCCY = 5V
Figure 21. Propagation Delay (tPLH) vs.
Capacitive Load at Pin A (Y
→A Level Translation)
0
1
2
3
4
5
6
7
8
9
13
18
23
28
33
38
43
48
53
CAPACITIVE LOAD (pF)
TA = 25°C
1 CHANNEL
DATA RATE = 50kbps
VCCA = 1.2V, VCCY = 1.8V
VCCA = 1.8V, VCCY = 3.3V
VCCA = 3.3V, VCCY = 5V
Figure 22. Propagation Delay (tPHL) vs.
Capacitive Load at Pin A (Y
→A Level Translation)


Podobny numer części - ADG3304BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG3304BCPZ-REEL7 AD-ADG3304BCPZ-REEL7 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
More results

Podobny opis - ADG3304BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3304 AD-ADG3304_15 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
REV. D
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3301 AD-ADG3301_15 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3301 AD-ADG3301 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com