Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM8660ANZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADM8660ANZ
Szczegółowy opis  CMOS Switched-Capacitor Voltage Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM8660ANZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADM8660ANZ Datasheet HTML 3Page - Analog Devices ADM8660ANZ Datasheet HTML 4Page - Analog Devices ADM8660ANZ Datasheet HTML 5Page - Analog Devices ADM8660ANZ Datasheet HTML 6Page - Analog Devices ADM8660ANZ Datasheet HTML 7Page - Analog Devices ADM8660ANZ Datasheet HTML 8Page - Analog Devices ADM8660ANZ Datasheet HTML 9Page - Analog Devices ADM8660ANZ Datasheet HTML 10Page - Analog Devices ADM8660ANZ Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
REV.
ADM660/ADM8660
–9–
current levels. The ADM660/ADM8660 is tested using low
ESR, 10
µF, capacitors for both C1 and C2. Smaller values of
C1 increase the output resistance, while increasing C1 will
reduce the output resistance. The output resistance is also depen-
dent on the internal switches on resistance as well as the
capacitors ESR, so the effect of increasing C1 becomes negligible
past a certain point.
Figure 9 shows how the output resistance varies with oscillator
frequency for three different capacitor values. At low oscillator
frequencies, the output impedance is dominated by the 1/fC
term. This explains why the output impedance is higher for
smaller capacitance values. At high oscillator frequencies, the
1/fC term becomes insignificant and the output impedance is
dominated by the internal switches on resistance. From an out-
put impedance viewpoint, therefore, there is no benefit to be
gained from using excessively large capacitors.
OSCILLATOR FREQUENCY – kHz
500
400
0
0.1
100
110
300
200
100
C1 = C2 = 2.2 F
C1 = C2 = 1 F
C1 = C2 = 10 F
Figure 9. Output Impedance vs. Oscillator Frequency
Capacitor C2
The output capacitor size C2 affects the output ripple. Increas-
ing the capacitor size reduces the peak-to-peak ripple. The ESR
affects both the output impedance and the output ripple.
Reducing the ESR reduces the output impedance and ripple.
For convenience it is recommended that both C1 and C2 be the
same value.
Table III. Capacitor Selection
Charge-Pump
Capacitor
Frequency
C1, C2
25 kHz
10
µF
120 kHz
2.2
µF
Power Efficiency and Oscillator Frequency Trade-Off
While higher switching frequencies allow smaller capacitors to
be used for equivalent performance, or improved performance
with the same capacitors, there is a trade-off to consider. As the
oscillator frequency is increased, the quiescent current increases.
This happens as a result of a finite charge being lost at each
switching cycle. The charge loss per unit cycle at very high
frequencies can be significant, thereby reducing the power effi-
ciency. Since the power efficiency is also degraded at low oscillator
frequencies due to an increase in output impedance, this means
that there is an optimum frequency band for maximum power
transfer. Refer to the Typical Performance Characteristics section.
Bypass Capacitor
The ac impedance of the ADM660/ADM8660 may be reduced
by using a bypass capacitor on the input supply. This capacitor
should be connected between the input supply and GND. It
will provide instantaneous current surges as required. Suitable
capacitors of 0.1
µF or greater may be used.
C


Podobny numer części - ADM8660ANZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM8660AN AD-ADM8660AN Datasheet
111Kb / 8P
   CMOS Switched-Capacitor Voltage Converters
REV. A
ADM8660AN AD-ADM8660AN Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
ADM8660AN AD-ADM8660AN Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
More results

Podobny opis - ADM8660ANZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660ARZ-REEL7 AD-ADM660ARZ-REEL7 Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660 AD-ADM660 Datasheet
111Kb / 8P
   CMOS Switched-Capacitor Voltage Converters
REV. A
ADM660 AD-ADM660 Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com