Zakładka z wyszukiwarką danych komponentów |
|
ADM1232ARWZ1 Arkusz danych(PDF) 9 Page - Analog Devices |
|
ADM1232ARWZ1 Arkusz danych(HTML) 9 Page - Analog Devices |
9 / 12 page ADM1232 Rev. C | Page 9 of 12 ORDERING GUIDE Model Temperature Range Package Description Package Options Branding ADM1232ARM −40°C to +85°C 8-Lead Mini Small Outline Package [MSOP] RM-8 M2A ADM1232ARM-REEL −40°C to +85°C 8-Lead Mini Small Outline Package [MSOP] RM-8 M2A ADM1232ARM-REEL7 −40°C to +85°C 8-Lead Mini Small Outline Package [MSOP] RM-8 M2A ADM1232ARMZ1 −40°C to +85°C 8-Lead Mini Small Outline Package [MSOP] RM-8 M4W ADM1232ARMZ-REEL1 −40°C to +85°C 8-Lead Mini Small Outline Package [MSOP] RM-8 M4W ADM1232ARMZ-REEL71 −40°C to +85°C 8-Lead Mini Small Outline Package [MSOP] RM-8 M4W ADM1232AN −40°C to +85°C 8-Lead Plastic Dual In-Line Package [PDIP] N-8 ADM1232ANZ1 −40°C to +85°C 8-Lead Plastic Dual In-Line Package [PDIP] N-8 ADM1232ARW −40°C to +85°C 16-Lead Standard Small Outline Package [SOIC_W], Wide Body RW-16 ADM1232ARW-REEL −40°C to +85°C 16-Lead Standard Small Outline Package [SOIC_W], Wide Body RW-16 ADM1232ARW-REEL7 −40°C to +85°C 16-Lead Standard Small Outline Package [SOIC_W], Wide Body RW-16 ADM1232ARWZ1 −40°C to +85°C 16-Lead Standard Small Outline Package [SOIC_W], Wide Body RW-16 ADM1232ARWZ-REEL1 −40°C to +85°C 16-Lead Standard Small Outline Package [SOIC_W], Wide Body RW-16 ADM1232ARWZ-REEL71 −40°C to +85°C 16-Lead Standard Small Outline Package [SOIC_W], Wide Body RW-16 ADM1232ARN −40°C to +85°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 ADM1232ARN-REEL −40°C to +85°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 ADM1232ARN-REEL7 −40°C to +85°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 ADM1232ARNZ1 −40°C to +85°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 ADM1232ARNZ-REEL1 −40°C to +85°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 ADM1232ARNZ-REEL71 −40°C to +85°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 1 Z = RoHS Compliant Part. |
Podobny numer części - ADM1232ARWZ1 |
|
Podobny opis - ADM1232ARWZ1 |