Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM3101EACPZ-250R71 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADM3101EACPZ-250R71
Szczegółowy opis  짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM3101EACPZ-250R71 Arkusz danych(HTML) 2 Page - Analog Devices

  ADM3101EACPZ-250R71 Datasheet HTML 1Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 2Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 3Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 4Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 5Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 6Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 7Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 8Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADM3101E
Rev. C | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configurations and Function Descriptions ............................5
Typical Performance Characteristics ..............................................6
Theory of Operation .........................................................................8
Circuit Description .......................................................................8
High Baud Rate..............................................................................8
Outline Dimensions ..........................................................................9
Ordering Guide .............................................................................9
REVISION HISTORY
7/08—Rev. B to Rev. C
Changes to General Description Section ...................................... 1
Reformatted Table 1 ......................................................................... 4
Change to TIN Rating, Table 2 ......................................................... 4
Changes to Figure 2.......................................................................... 5
Moved High Baud Rate Section...................................................... 8
Added Exposed Pad Notation to Outline Dimensions ............... 9
12/07—Rev. A to Rev. B
Added 16-lead QSOP Package (Universal) ................................... 1
Updated Outline Dimensions ....................................................... 10
Changes to Ordering Guide .......................................................... 10
10/07—Rev. 0 to Rev. A
Changes to Figure 1...........................................................................1
Changes to Table 1, RS-232 Receiver Section................................3
Changes to Table 3.............................................................................5
Changes to Figure 11.........................................................................8
5/07—Revision 0: Initial Version


Podobny numer części - ADM3101EACPZ-250R71

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM3101EACPZ-250R7 AD-ADM3101EACPZ-250R7 Datasheet
297Kb / 12P
   짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Rev. D
More results

Podobny opis - ADM3101EACPZ-250R71

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM3101E AD-ADM3101E_V01 Datasheet
297Kb / 12P
   짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Rev. D
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
logo
Texas Instruments
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E Datasheet
464Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202 TI-TRS202 Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202 TI-MAX202_07 Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E_10 Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com