Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM4850ARZ Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADM4850ARZ
Szczegółowy opis  5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM4850ARZ Arkusz danych(HTML) 4 Page - Analog Devices

  ADM4850ARZ Datasheet HTML 1Page - Analog Devices ADM4850ARZ Datasheet HTML 2Page - Analog Devices ADM4850ARZ Datasheet HTML 3Page - Analog Devices ADM4850ARZ Datasheet HTML 4Page - Analog Devices ADM4850ARZ Datasheet HTML 5Page - Analog Devices ADM4850ARZ Datasheet HTML 6Page - Analog Devices ADM4850ARZ Datasheet HTML 7Page - Analog Devices ADM4850ARZ Datasheet HTML 8Page - Analog Devices ADM4850ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM4850/ADM4851/ADM4852/ADM4853/ADM4854/ADM4855/ADM4856/ADM4857
Rev. D | Page 4 of 16
ADM4850/ADM4854 TIMING SPECIFICATIONS
VCC = 5 V ± 5%, TA = TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
115
kbps
Propagation Delay, tPLH, tPHL
600
2500
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 20
Skew, tSKEW
70
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 20
Rise/Fall Times, tR, tF
600
2400
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 20
Enable Time, tZH
2000
ns
RL = 500 Ω, CL = 100 pF, see Figure 21, ADM4850
Disable Time, tZL
2000
ns
RL = 500 Ω, CL = 15 pF, see Figure 21, ADM4850
Enable Time from Shutdown
4000
ns
RL = 500 Ω, CL = 100 pF, see Figure 21, ADM4850
RECEIVER
Propagation Delay, tPLH, tPHL
400
1000
ns
CL = 15 pF, see Figure 22
Differential Skew, tSKEW
255
ns
CL = 15 pF, see Figure 22
Enable Time
5
50
ns
RL = 1 kΩ, CL = 15 pF, see Figure 23, ADM4850
Disable Time
20
50
ns
RL = 1 kΩ, CL = 15 pF, see Figure 23, ADM4850
Enable Time from Shutdown
4000
ns
RL = 1 kΩ, CL = 15 pF, see Figure 23, ADM4850
Time to Shutdown
50
330
3000
ns
ADM48501
1 The half-duplex device is put into shutdown mode by driving RE high and DE low. If these inputs are in this state for less than 50 ns, the device is guaranteed not to
enter shutdown mode. If the enable inputs are in this state for at least 3000 ns, the device is guaranteed to enter shutdown mode.
ADM4851/ADM4855 TIMING SPECIFICATIONS
VCC = 5 V ± 5%, TA = TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
500
kbps
Propagation Delay, tPLH, tPHL
250
600
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 20
Skew, tSKEW
40
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 20
Rise/Fall Times, tR, tF
200
600
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 20
Enable Time, tZH
1000
ns
RL = 500 Ω, CL = 100 pF, see Figure 21, ADM4851
Disable Time, tZL
1000
ns
RL = 500 Ω, CL = 15 pF, see Figure 21, ADM4851
Enable Time from Shutdown
4000
ns
RL = 500 Ω, CL = 100 pF, see Figure 21, ADM4851
RECEIVER
Propagation Delay, tPLH, tPHL
400
1000
ns
CL = 15 pF, see Figure 22
Differential Skew, tSKEW
250
ns
CL = 15 pF, see Figure 22
Enable Time
5
50
ns
RL = 1 kΩ, CL = 15 pF, see Figure 23, ADM4851
Disable Time
20
50
ns
RL = 1 kΩ, CL = 15 pF, see Figure 23, ADM4851
Enable Time from Shutdown
4000
ns
RL = 1 kΩ, CL = 15 pF, see Figure 23, ADM4851
Time to Shutdown
50
330
3000
ns
ADM48511
1 The half-duplex device is put into shutdown mode by driving RE high and DE low. If these inputs are in this state for less than 50 ns, the device is guaranteed not to
enter shutdown mode. If the enable inputs are in this state for at least 3000 ns, the device is guaranteed to enter shutdown mode.


Podobny numer części - ADM4850ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM4850ARZ AD-ADM4850ARZ Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4850ARZ-REEL7 AD-ADM4850ARZ-REEL7 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
More results

Podobny opis - ADM4850ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4852 AD-ADM4852_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4854 AD-ADM4854_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4857 AD-ADM4857_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853 Datasheet
438Kb / 16P
   5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com