Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3333ARM-1.8-RL Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADP3333ARM-1.8-RL
Szczegółowy opis  High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3333ARM-1.8-RL Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADP3333ARM-1.8-RL Datasheet HTML 2Page - Analog Devices ADP3333ARM-1.8-RL Datasheet HTML 3Page - Analog Devices ADP3333ARM-1.8-RL Datasheet HTML 4Page - Analog Devices ADP3333ARM-1.8-RL Datasheet HTML 5Page - Analog Devices ADP3333ARM-1.8-RL Datasheet HTML 6Page - Analog Devices ADP3333ARM-1.8-RL Datasheet HTML 7Page - Analog Devices ADP3333ARM-1.8-RL Datasheet HTML 8Page - Analog Devices ADP3333ARM-1.8-RL Datasheet HTML 9Page - Analog Devices ADP3333ARM-1.8-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP3333
Rev. B | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
2.502
2.500
2.498
2.496
2.494
2.492
2.490
2.488
INPUT VOLTAGE (V)
3
4
5
6
7
8
9
10
11
12
0mA
100mA
200mA
300mA
VOUT = 2.5V
Figure 4. Line Regulation Output Voltage vs. Input Voltage
OUTPUT CURRENT (mA)
2.502
2.500
2.494
2.492
2.490
2.488
2.498
2.496
0
50
100
150
200
250
300
VIN = 6V
VOUT = 2.5V
Figure 5. Output Voltage vs. Output Current
INPUT VOLTAGE (V)
140
60
0
120
100
40
20
80
IL = 100µA
IL = 0µA
VOUT = 2.5V
0
2
4
6
8
10
12
Figure 6. Ground Current vs. Input Voltage
OUTPUT CURRENT (mA)
0
0.5
1.0
1.5
2.0
2.5
0
50
100
150
200
250
300
VIN = 6V
Figure 7. Ground Current vs. Output Current
1.0
0.5
0.6
0.9
0.8
0.7
0
0.2
0.1
0.4
0.3
–0.2
–0.3
–0.1
–0.4
0mA
200mA
300mA
JUNCTION TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
0mA
Figure 8. Output Voltage Variation % vs. Junction Temperature
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
JUNCTION TEMPERATURE (°C)
VIN = 6V
IL = 100mA
IL = 200mA
IL = 300mA
IL = 0mA
–50
–25
0
25
50
75
100
125
Figure 9. Ground Current vs. Junction Temperature


Podobny numer części - ADP3333ARM-1.8-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3333ARM-1.8-RL AD-ADP3333ARM-1.8-RL Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
ADP3333ARM-1.8-RL7 AD-ADP3333ARM-1.8-RL7 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
More results

Podobny opis - ADP3333ARM-1.8-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335 AD-ADP3335 Datasheet
639Kb / 8P
   High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator
REV. 0
ADP3335ARM-2.85 AD-ADP3335ARM-2.85 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335 AD-ADP3335_12 Datasheet
263Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. C
ADP3336 AD-ADP3336 Datasheet
364Kb / 8P
   High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV. 0
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3333ARM-2.5 AD-ADP3333ARM-2.5 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
ADP3330ARTZ-2.75R7 AD-ADP3330ARTZ-2.75R7 Datasheet
141Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com