Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM6711RAKSZ-REEL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADM6711RAKSZ-REEL7
Szczegółowy opis  Microprocessor Supervisory Circuit in 4-Lead SC70
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM6711RAKSZ-REEL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADM6711RAKSZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM6711RAKSZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM6711RAKSZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM6711RAKSZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM6711RAKSZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM6711RAKSZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM6711RAKSZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM6711RAKSZ-REEL7 Datasheet HTML 10Page - Analog Devices ADM6711RAKSZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADM6711/ADM6713
Rev. B | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
IDD @ VCC = 1V
IDD @ VCC = 3V
IDD @ VCC = 5.5V
12
10
8
6
4
0
2
–40
–20
0
20
50
30
70
85
100
120
TEMPERATURE (°C)
1.007
1.006
1.005
1.004
1.003
1.002
1.001
1.000
0.999
0.998
0.997
0.996
0.995
–20
0
20
50
30
70
85
100
120
TEMPERATURE (°C)
–40
Figure 8. RESET Threshold Deviation vs. Temperature
Figure 5. Supply Current vs. Temperature
1000
900
800
700
600
500
400
300
200
100
0
–40
–20
0
20
50
30
70
85
100
120
TEMPERATURE (°C)
VOD = 200mV
VOD = 125mV
VOD = 20mV
400
350
0
300
250
50
200
150
100
10
100
1000
RESET COMPARATOR OVERDRIVE, VTH – VCC (mV)
0
ADM671_L/M
ADM671_R/S/T/Z
Figure 6. Power-Down RESET Delay vs. Temperature: ADM671_R/
ADM671_S/ADM671_T/ADM671_Z
Figure 9. Maximum Transient Duration (Without Causing a RESET Pulse) vs.
RESET Comparator Overdrive
900
800
700
600
500
400
300
200
100
0
–20
0
20
50
30
70
85
100
120
TEMPERATURE (°C)
–40
VOD = 200mV
VOD = 125mV
VOD = 20mV
Figure 7. Power-Down RESET Delay vs. Temperature: ADM671_L/
ADM671_M


Podobny numer części - ADM6711RAKSZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM6711RAKS AD-ADM6711RAKS Datasheet
155Kb / 8P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
More results

Podobny opis - ADM6711RAKSZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM6384 AD-ADM6384_15 Datasheet
207Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
Rev. C
ADM6711 AD-ADM6711 Datasheet
155Kb / 8P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
ADM6384 AD-ADM6384 Datasheet
176Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
ADM810 AD-ADM810_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803 Datasheet
132Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
REV. C
ADM809LAKSZ-REEL7 AD-ADM809LAKSZ-REEL7 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM809 AD-ADM809_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803_08 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM812 AD-ADM812_15 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com