Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT7470ARQZ-REEL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADT7470ARQZ-REEL7
Szczegółowy opis  Temperature Sensor Hub and Fan Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADT7470ARQZ-REEL7 Arkusz danych(HTML) 5 Page - Analog Devices

  ADT7470ARQZ-REEL7 Datasheet HTML 1Page - Analog Devices ADT7470ARQZ-REEL7 Datasheet HTML 2Page - Analog Devices ADT7470ARQZ-REEL7 Datasheet HTML 3Page - Analog Devices ADT7470ARQZ-REEL7 Datasheet HTML 4Page - Analog Devices ADT7470ARQZ-REEL7 Datasheet HTML 5Page - Analog Devices ADT7470ARQZ-REEL7 Datasheet HTML 6Page - Analog Devices ADT7470ARQZ-REEL7 Datasheet HTML 7Page - Analog Devices ADT7470ARQZ-REEL7 Datasheet HTML 8Page - Analog Devices ADT7470ARQZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
ADT7470
Rev. E | Page 5 of 40
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Positive Supply Voltage (VCC)
6.5 V
Voltage on Any TACH or PWM Pin
–0.3 V to +6.5 V
Voltage on Any Input or Output Pin
–0.3 V to VCC + 0.3 V
Maximum Junction Temperature (TJ max)
150°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature, Soldering
Vapor Phase, 60 sec
215°C
Infrared, 15 sec
200°C
ESD Rating (HBM)
3000 V
THERMAL CHARACTERISTICS
16-Lead QSOP Package:
θJA = 105°C/W
θJC = 39°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Podobny numer części - ADT7470ARQZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7470ARQZ-REEL7 AD-ADT7470ARQZ-REEL7 Datasheet
597Kb / 41P
   Temperature Sensor Hub and Fan Controller
More results

Podobny opis - ADT7470ARQZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7470 AD-ADT7470_17 Datasheet
597Kb / 41P
   Temperature Sensor Hub and Fan Controller
ADT7470 AD-ADT7470 Datasheet
522Kb / 40P
   Temperature Sensor Hub and Fan Controller
Rev. PrA
ADT7470 AD-ADT7470_15 Datasheet
580Kb / 40P
   Temperature Sensor Hub and Fan Controller
Rev. E
logo
Maxim Integrated Produc...
MAX1669 MAXIM-MAX1669 Datasheet
213Kb / 20P
   Fan Controller and Remote Temperature Sensor with SMBus Serial Interface
Rev 0; 1/00
logo
Microchip Technology
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
Analog Devices
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com