Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL335_10 Datasheet(Arkusz danych) 10 Page - Analog Devices

Numer części ADXL335_10
Szczegółowy opis  Small, Low Power, 3-Axis ±3 g Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 10 page
background image
ADXL335
Rev. B | Page 10 of 16
THEORY OF OPERATION
The ADXL335 is a complete 3-axis acceleration measurement
system. The ADXL335 has a measurement range of ±3 g mini-
mum. It contains a polysilicon surface-micromachined sensor
and signal conditioning circuitry to implement an open-loop
acceleration measurement architecture. The output signals are
analog voltages that are proportional to acceleration. The
accelerometer can measure the static acceleration of gravity
in tilt-sensing applications as well as dynamic acceleration
resulting from motion, shock, or vibration.
The sensor is a polysilicon surface-micromachined structure
built on top of a silicon wafer. Polysilicon springs suspend the
structure over the surface of the wafer and provide a resistance
against acceleration forces. Deflection of the structure is meas-
ured using a differential capacitor that consists of independent
fixed plates and plates attached to the moving mass. The fixed
plates are driven by 180° out-of-phase square waves. Acceleration
deflects the moving mass and unbalances the differential capacitor
resulting in a sensor output whose amplitude is proportional to
acceleration. Phase-sensitive demodulation techniques are then
used to determine the magnitude and direction of the
acceleration.
The demodulator output is amplified and brought off-chip
through a 32 kΩ resistor. The user then sets the signal
bandwidth of the device by adding a capacitor. This filtering
improves measurement resolution and helps prevent aliasing.
MECHANICAL SENSOR
The ADXL335 uses a single structure for sensing the X, Y, and
Z axes. As a result, the three axes’ sense directions are highly
orthogonal and have little cross-axis sensitivity. Mechanical
misalignment of the sensor die to the package is the chief
source of cross-axis sensitivity. Mechanical misalignment
can, of course, be calibrated out at the system level.
PERFORMANCE
Rather than using additional temperature compensation circui-
try, innovative design techniques ensure that high performance
is built in to the ADXL335. As a result, there is no quantization
error or nonmonotonic behavior, and temperature hysteresis
is very low (typically less than 3 mg over the −25°C to +70°C
temperature range).




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl