Zakładka z wyszukiwarką danych komponentów |
|
FFAF30U60 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
FFAF30U60 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 4 page ©2000 Fairchild Semiconductor International Rev. F, September 2000 ULTRA FAST RECOVERY POWER RECTIFIER Absolute Maximum Ratings (per diode) T C=25° °°°C unless otherwise noted Thermal Characteristics Electrical Characteristics (per diode) T C=25 ° °°°C unless otherwise noted * Pulse Test: Pulse Width=300 µs, Duty Cycle=2% Symbol Parameter Value Units VRRM Peak Repetitive Reverse Voltage 600 V IF(AV) Average Rectified Forward Current @ TC = 100°C30 A IFSM Non-repetitive Peak Surge Current 60Hz Single Half-Sine Wave 180 A TJ, TSTG Operating Junction and StorageTemperature - 65 to +150 °C Symbol Parameter Value Units RθJC Maximum Thermal Resistance, Junction to Case 0.8 °C/W Symbol Parameter Min. Typ. Max. Units VFM * Maximum Instantaneous Forward Voltage IF = 30A IF = 30A TC = 25 °C TC = 100 °C - - - - 2.3 2.1 V IRM * Maximum Instantaneous Reverse Current @ rated VR TC = 25 °C TC = 100 °C - - - - 15 150 µA trr Irr Qrr Maximum Reverse Recovery Time Maximum Reverse Recovery Current Maximum Reverse Recovery Charge (IF =30A, di/dt = 200A/µs) - - - - - - 90 8 360 ns A nC WAVL Avalanche Energy 1.0 - - mJ FFAF30U60DN Features • High voltage and high reliability • High speed switching • Low forward voltage Applications • General purpose • Switching mode power supply • Free-wheeling diode for motor application • Power switching circuits TO-3PF 1 2 3 1. Anode 2.Cathode 3. Anode |
Podobny numer części - FFAF30U60 |
|
Podobny opis - FFAF30U60 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |