Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9432BSVZ-1051 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9432BSVZ-1051
Szczegółowy opis  12-Bit, 80 MSPS/105 MSPS ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9432BSVZ-1051 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9432BSVZ-1051 Datasheet HTML 4Page - Analog Devices AD9432BSVZ-1051 Datasheet HTML 5Page - Analog Devices AD9432BSVZ-1051 Datasheet HTML 6Page - Analog Devices AD9432BSVZ-1051 Datasheet HTML 7Page - Analog Devices AD9432BSVZ-1051 Datasheet HTML 8Page - Analog Devices AD9432BSVZ-1051 Datasheet HTML 9Page - Analog Devices AD9432BSVZ-1051 Datasheet HTML 10Page - Analog Devices AD9432BSVZ-1051 Datasheet HTML 11Page - Analog Devices AD9432BSVZ-1051 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD9432
Rev. F | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
90
60
70
65
85
80
75
ENCODE (MSPS)
0
20
40
80
100
120
140
160
60
AIN = 10.3MHz
SINAD
SFDR
SNR
Figure 5. SNR/SINAD/SFDR vs. fS, fIN = 10.3 MHz
ENCODE (MSPS)
0
20
40
80
100
120
140
160
60
–90
–95
–100
–85
–80
–75
–70
–65
–60
–55
–50
2ND
3RD
AIN = 10.3MHz
Figure 6. Second-Order and Third-Order Harmonics vs. fS, fIN = 10.3 MHz
ANALOG INPUT FREQUENCY (MHz)
0
20
40
80
100
120
140
200
160
180
60
70
65
60
55
50
45
40
ENCODE = 105MSPS
SINAD (–3.0dBFS)
SINAD (–6.0dBFS)
SINAD (–0.5dBFS)
Figure 7. SINAD vs. fIN, fS = 105 MSPS
ANALOG INPUT FREQUENCY (MHz)
0
50
100
150
250
200
70
65
60
55
50
AIN = –0.5dBFS
Figure 8. SNR vs. fIN, Encode = 105 MSPS
ANALOG INPUT FREQUENCY (MHz)
0
20
40
80
100
120
140
200
160
180
60
100
90
80
70
60
50
40
ENCODE = 105MSPS
2ND or 3RD (–0.5dBFS)
2ND or 3RD (–3.0dBFS)
2ND or 3RD (–6.0dBFS)
Figure 9. Second-Order and Third-Order Harmonics vs. fIN, fS = 105 MSPS
ANALOG INPUT FREQUENCY (MHz)
0
20
40
80
100
120
140
200
160
180
60
100
90
80
70
60
50
40
ENCODE = 105MSPS
WORST OTHER (–0.5dBFS)
WORST OTHER (–6.0dBFS)
WORST OTHER (–3.0dBFS)
Figure 10. Worst Other (Excluding Second-Order and Third-Order
Harmonics) vs. fIN, fS = 105 MSPS


Podobny numer części - AD9432BSVZ-1051

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9432BSVZ-1051 AD-AD9432BSVZ-1051 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
More results

Podobny opis - AD9432BSVZ-1051

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD9633 AD-AD9633 Datasheet
1Mb / 40P
   Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com