Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9517-4 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD9517-4
Szczegółowy opis  12-Output Clock Generator with Integrated 1.6 GHz VCO
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9517-4 Arkusz danych(HTML) 1 Page - Analog Devices

  AD9517-4 Datasheet HTML 1Page - Analog Devices AD9517-4 Datasheet HTML 2Page - Analog Devices AD9517-4 Datasheet HTML 3Page - Analog Devices AD9517-4 Datasheet HTML 4Page - Analog Devices AD9517-4 Datasheet HTML 5Page - Analog Devices AD9517-4 Datasheet HTML 6Page - Analog Devices AD9517-4 Datasheet HTML 7Page - Analog Devices AD9517-4 Datasheet HTML 8Page - Analog Devices AD9517-4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
12-Output Clock Generator with
Integrated 1.6 GHz VCO
Data Sheet
AD9517-4
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low phase noise, phase-locked loop (PLL)
On-chip VCO tunes from 1.45 GHz to 1.80 GHz
External VCO/VCXO to 2.4 GHz optional
1 differential or 2 single-ended reference inputs
Reference monitoring capability
Automatic revertive and manual reference
switchover/holdover modes
Accepts LVPECL, LVDS, or CMOS references to 250 MHz
Programmable delays in path to PFD
Digital or analog lock detect, selectable
2 pairs of 1.6 GHz LVPECL outputs
Each output pair shares a 1-to-32 divider with coarse
phase delay
Additive output jitter: 225 fs rms
Channel-to-channel skew paired outputs of <10 ps
2 pairs of 800 MHz LVDS clock outputs
Each output pair shares two cascaded 1-to-32 dividers
with coarse phase delay
Additive output jitter: 275 fs rms
Fine delay adjust (Δt) on each LVDS output
Each LVDS output can be reconfigured as two 250 MHz
CMOS outputs
Automatic synchronization of all outputs on power-up
Manual output synchronization available
Available in a 48-lead LFCSP
APPLICATIONS
Low jitter, low phase noise clock distribution
10/40/100 Gb/sec networking line cards, including SONET,
Synchronous Ethernet, OTU2/3/4
Forward error correction (G.710)
Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
High performance wireless transceivers
ATE and high performance instrumentation
GENERAL DESCRIPTION
The AD9517-41 provides a multi-output clock distribution
function with subpicosecond jitter performance, along with an
on-chip PLL and VCO. The on-chip VCO tunes from 1.45 GHz
to 1.80 GHz. Optionally, an external VCO/VCXO of up to
2.4 GHz can be used.
The AD9517-4 emphasizes low jitter and phase noise to
maximize data converter performance, and it can benefit other
applications with demanding phase noise and jitter requirements.
FUNCTIONAL BLOCK DIAGRAM
REFIN
REF1
REF2
CLK
LF
DIVIDER
AND MUXs
CP
VCO
STATUS
MONITOR
LVPECL
LVPECL
LVDS/CMOS
LVDS/CMOS
SERIAL CONTROL PORT
AND
DIGITAL LOGIC
AD9517-4
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
DIV/Φ
DIV/Φ
DIV/Φ
DIV/Φ
DIV/Φ
DIV/Φ
Δt
Δt
Δt
Δt
Figure 1.
The AD9517-4 features four LVPECL outputs (in two pairs)
and four LVDS outputs (in two pairs). Each LVDS output can
be reconfigured as two CMOS outputs. The LVPECL outputs
operate to 1.6 GHz, the LVDS outputs operate to 800 MHz, and
the CMOS outputs operate to 250 MHz.
For applications that require additional outputs, a crystal reference
input, zero-delay, or EEPROM for automatic configuration at
startup, the AD9520 and AD9522 are available. In addition,
the AD9516 and AD9518 are similar to the AD9517 but have
a different combination of outputs.
Each pair of outputs has dividers that allow both the divide
ratio and coarse delay (or phase) to be set. The range of division
for the LVPECL outputs is 1 to 32. The LVDS/CMOS outputs
allow a range of divisions up to a maximum of 1024.
The AD9517-4 is available in a 48-lead LFCSP and can be
operated from a single 3.3 V supply. An external VCO, which
requires an extended voltage range, can be accommodated
by connecting the charge pump supply (VCP) to 5 V. A separate
LVPECL power supply can be from 2.5 V to 3.3 V (nominal).
The AD9517-4 is specified for operation over the industrial
range of −40°C to +85°C.
1
AD9517 is used throughout the data sheet to refer to all the members of the
AD9517 family. However, when AD9517-4 is used, it refers to that specific
member of the AD9517 family.


Podobny numer części - AD9517-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9517-4 AD-AD9517-4 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9517-4 AD-AD9517-4 Datasheet
198Kb / 4P
   High Performance, Dual Channel IF Sampling Receiver
REV. 0
AD9517-4ABCPZ AD-AD9517-4ABCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9517-4ABCPZ-RL7 AD-AD9517-4ABCPZ-RL7 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9517-4APCBZ AD-AD9517-4APCBZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
More results

Podobny opis - AD9517-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9517-4BCPZ AD-AD9517-4BCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9517-4 AD-AD9517-4_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9518-4 AD-AD9518-4_15 Datasheet
1Mb / 61P
   6-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. D
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-4 AD-AD9516-4_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. C
AD9518-4 AD-AD9518-4 Datasheet
985Kb / 64P
   6-Output Clock Generator with Integrated 1.6 GHz VCO
REV. B
AD9520-4 AD-AD9520-4 Datasheet
1Mb / 84P
   12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9522-4 AD-AD9522-4 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9517-2 AD-AD9517-2_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.2 GHz VCO
Rev. E
AD9517-3 AD-AD9517-3 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com