Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4000-2ARZ1 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADA4000-2ARZ1
Szczegółowy opis  Low Cost, Precision JFET Input Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4000-2ARZ1 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADA4000-2ARZ1 Datasheet HTML 7Page - Analog Devices ADA4000-2ARZ1 Datasheet HTML 8Page - Analog Devices ADA4000-2ARZ1 Datasheet HTML 9Page - Analog Devices ADA4000-2ARZ1 Datasheet HTML 10Page - Analog Devices ADA4000-2ARZ1 Datasheet HTML 11Page - Analog Devices ADA4000-2ARZ1 Datasheet HTML 12Page - Analog Devices ADA4000-2ARZ1 Datasheet HTML 13Page - Analog Devices ADA4000-2ARZ1 Datasheet HTML 14Page - Analog Devices ADA4000-2ARZ1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADA4000-1/ADA4000-2/ADA4000-4
Rev. A | Page 11 of 16
)
SETTLING TIME
Settling time is the amount of time it takes the amplifier output
to reach and remain within a percentage of its final value. This
is an important parameter in data acquisition systems. Because
most bipolar DAC converters have current output, an external
op amp is required to convert the current to voltage. Therefore,
the amplifier settling time plays a role in the total settling time
of the output signal. A good approximation for the total settling
time is
() (
2
2
AMP
t
DAC
t
Total
t
S
S
S
+
=
The ADA4000-1/ADA4000-2/ADA4000-4 settle to within 0.1%
of their final value in less than 1.2 μs. The settling time has been
tested by using the configuration circuit in Figure 34.
The input signal is a 10 V pulse and the output is the error
signal for the settling time shown in Figure 33.
200ns/DIV
200mV/DIV
5V/DIV
Figure 33. Settling Time Measurement Using the False Summing Node Method
ADA4000-1
V+
V–
+15V
–15V
10V p-p
3
2
1
10kΩ
10kΩ
10kΩ
AD828
V+
V–
+15V
–15V
20kΩ
VOUT
1kΩ
8
4
10kΩ
V1
0
Figure 34. Settling Time Test Circuit


Podobny numer części - ADA4000-2ARZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4000-2ARZ AD-ADA4000-2ARZ Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-2ARZ AD-ADA4000-2ARZ Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
ADA4000-2ARZ-R7 AD-ADA4000-2ARZ-R7 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-2ARZ-R7 AD-ADA4000-2ARZ-R7 Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
ADA4000-2ARZ-RL AD-ADA4000-2ARZ-RL Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
More results

Podobny opis - ADA4000-2ARZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4000-1 AD-ADA4000-1_07 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1 AD-ADA4000-1_16 Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
ADTL082 AD-ADTL082_07 Datasheet
298Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL082ARMZ AD-ADTL082ARMZ Datasheet
299Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL082 AD-ADTL082 Datasheet
184Kb / 6P
   Low Cost JFET Input Operational Amplifiers
Rev. PrA
OP-16 AD-OP-16_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP-15 AD-OP-15 Datasheet
776Kb / 14P
   PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS
OP-17 AD-OP-17_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP15 AD-OP15 Datasheet
429Kb / 12P
   Precision JFET-Input Operational Amplifiers
REV. A
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com