Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAU1761BCPZ-RL Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADAU1761BCPZ-RL
Szczegółowy opis  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-RL Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADAU1761BCPZ-RL Datasheet HTML 2Page - Analog Devices ADAU1761BCPZ-RL Datasheet HTML 3Page - Analog Devices ADAU1761BCPZ-RL Datasheet HTML 4Page - Analog Devices ADAU1761BCPZ-RL Datasheet HTML 5Page - Analog Devices ADAU1761BCPZ-RL Datasheet HTML 6Page - Analog Devices ADAU1761BCPZ-RL Datasheet HTML 7Page - Analog Devices ADAU1761BCPZ-RL Datasheet HTML 8Page - Analog Devices ADAU1761BCPZ-RL Datasheet HTML 9Page - Analog Devices ADAU1761BCPZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
ADAU1761
Rev. C | Page 6 of 92
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Interchannel Isolation
83
dB
Common-Mode Rejection Ratio
100 mV rms, 1 kHz
65
dB
100 mV rms, 20 kHz
65
dB
MICROPHONE BIAS
MBIEN = 1
Bias Voltage
0.65 × AVDD
AVDD = 1.8 V, MBI = 1
1.17
V
AVDD = 3.3 V, MBI = 1
2.145
V
0.90 × AVDD
AVDD = 1.8 V, MBI = 0
1.62
V
AVDD = 3.3 V, MBI = 0
2.97
V
Bias Current Source
AVDD = 3.3 V, MBI = 0, MPERF = 1
3
mA
Noise in the Signal Bandwidth
AVDD = 3.3 V, 1 kHz to 20 kHz
MBI = 0, MPERF = 0
42
nV/√Hz
MBI = 0, MPERF = 1
85
nV/√Hz
MBI = 1, MPERF = 0
25
nV/√Hz
MBI = 1, MPERF = 1
37
nV/√Hz
DIGITAL-TO-ANALOG CONVERTERS
DAC performance excludes mixers and
headphone amplifier
DAC Resolution
All DACs
24
Bits
Digital Attenuation Step
0.375
dB
Digital Attenuation Range
95
dB
DAC TO LINE OUTPUT
Full-Scale Output Voltage (0 dB)
Scales linearly with AVDD
AVDD/3.3
V rms
AVDD = 1.8 V
0.50 (1.41)
V rms (V p-p)
AVDD = 3.3 V
0.92 (2.60)
V rms (V p-p)
Analog Volume Control Step
Line output volume control
0.75
dB
Analog Volume Control Range
Line output volume control
−57
1
+6
dB
Mute Attenuation
−87
dB
Dynamic Range
20 Hz to 20 kHz, −60 dB input, line
output mode
With A-Weighted Filter (RMS)
AVDD = 1.8 V
96
dB
AVDD = 3.3 V
101
dB
No Filter (RMS)
AVDD = 1.8 V
93.5
dB
AVDD = 3.3 V
98
dB
Total Harmonic Distortion + Noise
−1 dBFS, line output mode
dB
AVDD = 1.8 V
−90
dB
AVDD = 3.3 V
−92
dB
Signal-to-Noise Ratio
Line output mode
With A-Weighted Filter (RMS)
AVDD = 1.8 V
96
dB
AVDD = 3.3 V
101
dB
No Filter (RMS)
AVDD = 1.8 V
93.5
dB
AVDD = 3.3 V
98
dB
Power Supply Rejection Ratio
CM capacitor = 20 μF
100 mV p-p @ 217 Hz
56
dB
100 mV p-p @ 1 kHz
70
dB
Gain Error
3
%
Interchannel Gain Mismatch
0.005
dB
Offset Error
0
mV
Interchannel Isolation
1 kHz, 0 dBFS input signal
100
dB


Podobny numer części - ADAU1761BCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAU1761BCPZ-RL AD-ADAU1761BCPZ-RL Datasheet
882Kb / 93P
   24-Bit Audio Codec with Integrated PLL
ADAU1761BCPZ-RL AD-ADAU1761BCPZ-RL Datasheet
1Mb / 93P
   Audio Codec
More results

Podobny opis - ADAU1761BCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAU1461 AD-ADAU1461 Datasheet
1Mb / 88P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. 0
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1961 AD-ADAU1961 Datasheet
985Kb / 76P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Analog Devices
ADAU1761 AD-ADAU1761_17 Datasheet
882Kb / 93P
   24-Bit Audio Codec with Integrated PLL
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com