Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG918 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADG918
Szczegółowy opis  Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG918 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADG918_08 Datasheet HTML 4Page - Analog Devices ADG918_08 Datasheet HTML 5Page - Analog Devices ADG918_08 Datasheet HTML 6Page - Analog Devices ADG918_08 Datasheet HTML 7Page - Analog Devices ADG918_08 Datasheet HTML 8Page - Analog Devices ADG918_08 Datasheet HTML 9Page - Analog Devices ADG918_08 Datasheet HTML 10Page - Analog Devices ADG918_08 Datasheet HTML 11Page - Analog Devices ADG918_08 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG918/ADG919
Rev. C | Page 8 of 16
–20
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
10G
VDD = 2.5V
S12 (+85°C)
S12 (+25°C)
S12 (–40°C)
–90
–70
–60
–50
–40
–30
–80
–10
–100
S21
(–40°C, +25°C, +85°C)
Figure 11. Isolation vs. Frequency over Temperature (RF1/RF2, ADG919)
TA = 25°C
VDD = 2.5V
OFF SWITCH (ADG918)
ON SWITCH
–35
–40
–30
–25
–20
–15
–10
–5
0
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
10G
Figure 12. Return Loss vs. Frequency (RF1/RF2, S11)
–15
TA = 25°C
VDD = 2.5V
–35
–30
–25
–20
–55
–50
–45
–40
–10
–70
–60
–65
–75
–80
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
10G
Figure 13. Crosstalk vs. Frequency (RF1/RF2, S12, S21)
CH1 = CTRL = 1V/DIV
TRISE = 6.1ns
CH2 = RF1 = 100mV/DIV
TFALL = 6.1ns
CH3 = RF2 = 100mV/DIV
CH2/3
CH1
Figure 14. Switch Timing
CH1 500mV
CH2 1mVΩ
m 10.0ns
CTRL
RFC
CH2 p-p
2.002mV
Figure 15. Video Feedthrough
40
35
250
350
450
550
FREQUENCY (MHz)
650
750
850
30
25
20
15
10
5
0
VDD = 2.5V
TA = 25°C
Figure 16. IP3 vs. Frequency


Podobny numer części - ADG918_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG918BCP AD-ADG918BCP Datasheet
120Kb / 4P
   Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches
REV. PrC Sept 2002
ADG918BCPZ-500RL7 AD-ADG918BCPZ-500RL7 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG918BCPZ-REEL7 AD-ADG918BCPZ-REEL7 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG918BRM AD-ADG918BRM Datasheet
120Kb / 4P
   Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches
REV. PrC Sept 2002
ADG918BRM AD-ADG918BRM Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
More results

Podobny opis - ADG918_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG918 AD-ADG918 Datasheet
120Kb / 4P
   Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches
REV. PrC Sept 2002
ADG904BRUZ AD-ADG904BRUZ Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com