Zakładka z wyszukiwarką danych komponentów |
|
ADG918BRMZ-500RL71 Arkusz danych(PDF) 6 Page - Analog Devices |
|
ADG918BRMZ-500RL71 Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 16 page ADG918/ADG919 Rev. C | Page 6 of 16 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS TOP VIEW (Not to Scale) 8 7 6 5 1 2 3 4 VDD CTRL GND RFC RF1 GND GND RF2 ADG918/ ADG919 Figure 4. 8-Lead MSOP (RM-8) and 8-Lead 3 mm x 3 mm LFCSP (CP-8); Exposed Pad Tied to Substrate, GND Table 3. Pin Function Descriptions Pin No. Mnemonic Function 1 VDD Power Supply Input. These parts can be operated from 1.65 V to 2.75 V, and VDD should be decoupled to GND. 2 CTRL Logic Control Input. See Table 4. 3, 6, 7 GND Ground Reference Point for All Circuitry on the Part. 4 RFC COMMON RF Port for Switch. 5 RF2 RF2 Port. 8 RF1 RF1 Port. Table 4. Truth Table CTRL Signal Path 0 RF2 to RFC 1 RF1 to RFC |
Podobny numer części - ADG918BRMZ-500RL71 |
|
Podobny opis - ADG918BRMZ-500RL71 |