Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM3483ARZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADM3483ARZ
Szczegółowy opis  3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM3483ARZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADM3483ARZ Datasheet HTML 5Page - Analog Devices ADM3483ARZ Datasheet HTML 6Page - Analog Devices ADM3483ARZ Datasheet HTML 7Page - Analog Devices ADM3483ARZ Datasheet HTML 8Page - Analog Devices ADM3483ARZ Datasheet HTML 9Page - Analog Devices ADM3483ARZ Datasheet HTML 10Page - Analog Devices ADM3483ARZ Datasheet HTML 11Page - Analog Devices ADM3483ARZ Datasheet HTML 12Page - Analog Devices ADM3483ARZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
Rev. E | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
30
0
03
OUTPUT VOLTAGE (V)
.5
25
20
15
10
5
0.51.0
1.52.02.53.0
Figure 7. Output Current vs. Receiver Output Low Voltage
–16
0
03
OUTPUT VOLTAGE (V)
.5
–14
–12
–10
–8
–6
–4
–2
0.51.0
1.52.02.53.0
Figure 8. Output Current vs. Receiver Output High Voltage
3.30
3.00
–40
TEMPERATURE (°C)
3.25
3.20
3.15
3.10
3.05
–30 –20 –10
0
10
20
30
40
50
60
70
80
Figure 9. Receiver Output High Voltage vs. Temperature, IRO = 1.5 mA
0.8
0
–40
TEMPERATURE (°C)
–30 –20 –10
0
10
20
30
40
50
60
70
80
0.7
0.6
0.5
0.4
0.3
0.2
0.1
Figure 10. Receiver Output Low Voltage vs. Temperature, IRO = 2.5 mA
100
0
03
OUTPUT VOLTAGE (V)
.5
90
80
70
60
50
40
30
20
10
0.51.0
1.52.02.53.0
Figure 11. Driver Output Current vs. Differential Output Voltage
2.6
1.6
–40
TEMPERATURE (°C)
–30 –20 –10
0
10
20
30
40
50
60
70
80
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
Figure 12. Driver Differential Output Voltage vs. Temperature, RL = 54 Ω


Podobny numer części - ADM3483ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM3483ARZ AD-ADM3483ARZ Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3483ARZ AD-ADM3483ARZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483ARZ AD-ADM3483ARZ Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483ARZ-REEL7 AD-ADM3483ARZ-REEL7 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results

Podobny opis - ADM3483ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3491ARUZ AD-ADM3491ARUZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483_V01 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com