Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4111BRUZ-RL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADF4111BRUZ-RL7
Szczegółowy opis  RF PLL Frequency Synthesizers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4111BRUZ-RL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADF4111BRUZ-RL7 Datasheet HTML 3Page - Analog Devices ADF4111BRUZ-RL7 Datasheet HTML 4Page - Analog Devices ADF4111BRUZ-RL7 Datasheet HTML 5Page - Analog Devices ADF4111BRUZ-RL7 Datasheet HTML 6Page - Analog Devices ADF4111BRUZ-RL7 Datasheet HTML 7Page - Analog Devices ADF4111BRUZ-RL7 Datasheet HTML 8Page - Analog Devices ADF4111BRUZ-RL7 Datasheet HTML 9Page - Analog Devices ADF4111BRUZ-RL7 Datasheet HTML 10Page - Analog Devices ADF4111BRUZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADF4110/ADF4111/ADF4112/ADF4113
Rev. F | Page 7 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DVDD
MUXOUT
LE
VP
DATA
CLK
CE
DGND
RSET
CP
CPGND
AGND
RFINB
RFINA
AVDD
REFIN
TOP VIEW
(Not to Scale)
ADF4110
ADF4111
ADF4112
ADF4113
NOTES
1. THE EXPOSED PADDLE SHOULD BE CONNECTED TO AGND.
14
13
12
1
3
4
LE
15 MUXOUT
DATA
CLK
11 CE
CPGND
AGND
2
AGND
RFINB
5
RFINA
ADF4110
ADF4111
ADF4112
ADF4113
TOP VIEW
(Not to Scale)
Figure 3. TSSOP Pin Configuration
Figure 4. LFCSP Pin Configuration
Table 4. Pin Function Descriptions
TSSOP
Pin No.
LFCSP
Pin No.
Mnemonic
Function
1
19
RSET
Connecting a resistor between this pin and CPGND sets the maximum charge pump output current.
The nominal voltage potential at the RSET pin is 0.56 V. The relationship between ICP and RSET is
SET
max
CP
R
I
5
.
23
=
So, with RSET = 4.7 kΩ, ICPmax = 5 mA.
2
20
CP
Charge Pump Output. When enabled, this provides ±ICP to the external loop filter, which in turn
drives the external VCO.
3
1
CPGND
Charge Pump Ground. This is the ground return path for the charge pump.
4
2, 3
AGND
Analog Ground. This is the ground return path of the prescaler.
5
4
RFINB
Complementary Input to the RF Prescaler. This point should be decoupled to the ground plane with
a small bypass capacitor, typically 100 pF. See Figure 29.
6
5
RFINA
Input to the RF Prescaler. This small-signal input is ac-coupled from the VCO.
7
6, 7
AVDD
Analog Power Supply. This may range from 2.7 V to 5.5 V. Decoupling capacitors to the analog ground
plane should be placed as close as possible to this pin. AVDD must be the same value as DVDD.
8
8
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2, and an equivalent input
resistance of 100 kΩ. See Figure 28. This input can be driven from a TTL or CMOS crystal oscillator, or
can be ac-coupled.
9
9, 10
DGND
Digital Ground.
10
11
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump output into
three-state mode. Taking the pin high powers up the device depending on the status of the power-
down Bit F2.
11
12
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is
latched into the 24-bit shift register on the CLK rising edge. This input is a high impedance CMOS
input.
12
13
DATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits. This
input is a high impedance CMOS input.
13
14
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into
one of the four latches; the latch is selected using the control bits.
14
15
MUXOUT
This multiplexer output allows either the lock detect, the scaled RF, or the scaled reference
frequency to be accessed externally.
15
16, 17
DVDD
Digital Power Supply. This may range from 2.7 V to 5.5 V. Decoupling capacitors to the digital ground
plane should be placed as close as possible to this pin. DVDD must be the same value as AVDD.
16
18
VP
Charge Pump Power Supply. This should be greater than or equal to VDD. In systems where VDD is 3 V,
VP can be set to 6 V and used to drive a VCO with a tuning range of up to 6 V. 1
EPAD
Exposed Pad (LFCSP Only). The exposed paddle should be connected to AGND.


Podobny numer części - ADF4111BRUZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4111BRUZ-RL7 AD-ADF4111BRUZ-RL7 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results

Podobny opis - ADF4111BRUZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_07 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4110 AD-ADF4110_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com