Zakładka z wyszukiwarką danych komponentów |
|
UC382TD-1 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
UC382TD-1 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 19 page UC2821, UC2822, UC2823, UC282ADJ, UC3821, UC3822, UC3823, UC382ADJ FAST LDO LINEAR REGULATOR SLUS317B − JANUARY 2000 − REVISED FEBRUARY 2004 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature (unless otherwise noted)†} VB 13 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VIN 7.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage 1.2 V to 6.0 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Junction temperature, TJ −55 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature (soldering, 10 seconds) 300 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. } Currents are positive into, negative out of the specified terminal. Consult Packaging Section of Databook for thermal limitations and considerations of packages. AVAILABLE OPTIONS(1) PACKAGED DEVICES TJ TO-220 (T) TO−263 (TD)(2) TJ OUTPUT VOLTAGE OUTPUT VOLTAGE 1.5 V 2.1 V 2.5 V 1.2 V or ADJ 1.5 V 2.1 V 2.5 V 1.2 V or ADJ –40 °C to 100°C 282T-1 282T-2 282T-3 282T-ADJ 282TD-1 282TD-2 282TD-3 282TD-ADJ 0 °C to 100°C 382T-1 382T-2 382T-3 382T-ADJ 382TD-1 382TD-2 382TD-3 382TD-ADJ 1. For more package and ordering information, see the Package Option Addendum located at the end of this data sheet. 2. For 50 piece reel, add KTTT (e.g., UC282TDKTTT−1); for 500 piece reel, add TR (e.g., UC282TDTR−1). electrical characteristics, TA = −40°C to 100°C for the UC282-X series and 0°C to 100°C for the UC382-X, VB = 5 V, VIN = 3.3 V, VOUT = 2.5 V for the UC382-ADJ, TA = TJ, (unless otherwise stated) UC382-3 fixed 2.5 V, 3-A family PARAMETERS TEST CONDITIONS MIN TYP MAX UNITS Output voltage (IVOUT = 100 mA) UC382-3 2.475 2.500 2.525 V Output voltage (IVOUT = 100 mA) UC282-3 2.450 2.500 2.525 V Load regulation IVOUT = 10 mA to 3 A 0.5 4 mV VIN PSSR 80 100 dB VB PSSR 50 60 dB IVOUT = 3 A, TJ = 25°C 350 425 mV VIN dropout voltage = VIN−VOUT IVOUT = 3 A, UC382-3 350 450 mV VIN dropout voltage = VIN−VOUT IVOUT = 3 A, UC282-3 350 500 mV VB dropout = VB−VOUT IVOUT = 3 A, UC382-3 1.8 2.10 V VB dropout = VB−VOUT IVOUT = 3 A, UC282-3 1.8 2.20 V Short circuit current limit 3.3 4.5 A VB current IVOUT = 10 mA 6 11 mA VB current IVOUT = 3 A 18 60 mA VIN current IVOUT = 3 A 2.94 2.97 A |
Podobny numer części - UC382TD-1 |
|
Podobny opis - UC382TD-1 |