Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMB3904 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FMB3904
Szczegółowy opis  NPN General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMB3904 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FMB3904 Datasheet HTML 1Page - Fairchild Semiconductor FMB3904 Datasheet HTML 2Page - Fairchild Semiconductor FMB3904 Datasheet HTML 3Page - Fairchild Semiconductor FMB3904 Datasheet HTML 4Page - Fairchild Semiconductor FMB3904 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NPN General Purpose Amplifier
This device is designed as a general purpose amplifier and switch.
The useful dynamic range extends to 100 mA as a switch and to
100 MHz as an amplifier. Sourced from Process 23.
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current - Continuous
200
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Discrete POWER & Signal
Technologies
© 1998 Fairchild Semiconductor Corporation
Thermal Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
FFB3904
FMB3904
MMPQ3904
PD
Total Device Dissipation
Derate above 25
°C
300
2.4
700
5.6
1,000
8.0
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
Effective 4 Die
Each Die
415
180
125
240
°C/W
°C/W
°C/W
FFB3904
SC70-6
Mark: .1A
C1
B2
E2
E1
B1
C2
pin #1
FMB3904
SuperSOT
-6
Mark: .1A
C1
E1
C2
B1
E2
B2
pin #1
MMPQ3904
SOIC-16
C1
C1
C2
C2
C3
C3
C4
C4
E1
B1
E2
B2
E3
B3
E4
B4


Podobny numer części - FMB3904

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FMB3904 FAIRCHILD-FMB3904 Datasheet
99Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
More results

Podobny opis - FMB3904

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com