Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC3610DWTRG4 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części UC3610DWTRG4
Szczegółowy opis  DUAL SCHOTTKY DIODE BRIDGE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC3610DWTRG4 Arkusz danych(HTML) 1 Page - Texas Instruments

  UC3610DWTRG4 Datasheet HTML 1Page - Texas Instruments UC3610DWTRG4 Datasheet HTML 2Page - Texas Instruments UC3610DWTRG4 Datasheet HTML 3Page - Texas Instruments UC3610DWTRG4 Datasheet HTML 4Page - Texas Instruments UC3610DWTRG4 Datasheet HTML 5Page - Texas Instruments UC3610DWTRG4 Datasheet HTML 6Page - Texas Instruments UC3610DWTRG4 Datasheet HTML 7Page - Texas Instruments UC3610DWTRG4 Datasheet HTML 8Page - Texas Instruments UC3610DWTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UC1610
UC3610
SLUS339B − JUNE 1993 − REVISED DECEMBER 2004
DUAL SCHOTTKY DIODE BRIDGE
1
www.ti.com
FEATURES
D Monolithic Eight-Diode Array
D Exceptional Efficiency
D Low Forward Voltage
D Fast Recovery Time
D High Peak Current
D Small Size
DESCRIPTION
This
eight-diode
array
is
designed
for
high-current, low duty-cycle applications typical of
flyback voltage clamping for inductive loads. The
dual bridge connection makes this device
particularly applicable to bipolar driven stepper
motors.
The use of Schottky diode technology features
high efficiency through lowered forward voltage
drop and decreased reverse recovery time.
This single monolithic chip is fabricated in both
hermetic CERDIP and copper-leaded plastic
packages. The UC1610 in ceramic is designed for
−55
°C to 125°C environments but with reduced
peak current capability. The UC2610 in plastic and
ceramic
is
designed
for
−25
°C to 125°C
environments also with reduced peak current
capability; while the UC3610 in plastic has higher
current rating over a 0
°C to 70°C temperature
range.
AVAILABLE OPTIONS
T
T
Packaged Devices
TA = TJ
SOIC Wide (DW)
DIL (J)
DIL (N)
−55
°C to 125°C
UC1610DW
UC1610J
UC1610N
−25
°C to 125°C
UC2610DW
UC2610J
UC2610N
0
°C to 70°C
UC3610DW
UC3610J
UC3610N
THERMAL INFORMATION
PACKAGE
θja
θjc
SOIC (DW) 16 pin
50 − 100(1)
27
DIP (J) 8 pin
125 − 160
20(2)
DIP (N) 8 pin
103(1)
50
NOTES:
1. Specified
θja (junction-to-ambient) is for devices mounted to 5-in2 FR4 PC board with one ounce copper where noted. When
resistance range is given, lower values are for 5-in2 aluminum PC board. Test PWB was 0.062 in thick and typically used 0.635-mm
trace widths for power packages and 1.3-mm trace widths for non-power packages with a 100-mil x 100-mil probe land area at the
end of each trace.
2.
θjc data values stated were derived from MIL−STD−1835B. MIL−STD−1835B states that the baseline values shown are worst case
(mean + 2s) for a 60-mil x 60-mil microcircuit device silicon die and applicable for devices with die sizes up to 14400 square mils.
For device die sizes greater than 14400 square mils use the following values; dual-in-line, 11
°C/W; flat pack, 10°C/W; pin grid array,
10
°C/W.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 2001, Texas Instruments Incorporated


Podobny numer części - UC3610DWTRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC3610 TI-UC3610 Datasheet
162Kb / 3P
[Old version datasheet]   Dual Schottky Diode Bridge
More results

Podobny opis - UC3610DWTRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6210 STMICROELECTRONICS-L6210_08 Datasheet
146Kb / 8P
   Dual Schottky diode bridge
L6210 STMICROELECTRONICS-L6210 Datasheet
99Kb / 5P
   DUAL SCHOTTKY DIODE BRIDGE
logo
Texas Instruments
UC1610 TI-UC1610 Datasheet
162Kb / 3P
[Old version datasheet]   Dual Schottky Diode Bridge
UC3612 TI-UC3612 Datasheet
84Kb / 3P
[Old version datasheet]   Dual Schottky Diode
logo
Allegro MicroSystems
8920 ALLEGRO-8920 Datasheet
39Kb / 2P
   DUAL SCHOTTKY DIODE
logo
ON Semiconductor
1SS383T1G ONSEMI-1SS383T1G Datasheet
43Kb / 2P
   Dual Schottky Diode
March, 2006 ??Rev. 2
logo
Texas Instruments
UA1612 TI1-UA1612 Datasheet
103Kb / 4P
[Old version datasheet]   Dual Schottky Diode
logo
Thinki Semiconductor Co...
MBRF20100CTR THINKISEMI-MBRF20100CTR Datasheet
317Kb / 2P
   20 Ampere Dual Common Anode Schottky Half Bridge Rectifier Diode
SDB20100PR THINKISEMI-SDB20100PR Datasheet
427Kb / 2P
   20 Ampere Dual Common Anode Schottky Half Bridge Rectifier Diode
logo
Guangdong Kexin Industr...
BAT14-099 KEXIN-BAT14-099 Datasheet
36Kb / 1P
   Silicon Dual Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com