Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD37A19FVM-TR Arkusz danych(PDF) 1 Page - Rohm

Numer części BD37A19FVM-TR
Szczegółowy opis  Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD37A19FVM-TR Arkusz danych(HTML) 1 Page - Rohm

  BD37A19FVM-TR Datasheet HTML 1Page - Rohm BD37A19FVM-TR Datasheet HTML 2Page - Rohm BD37A19FVM-TR Datasheet HTML 3Page - Rohm BD37A19FVM-TR Datasheet HTML 4Page - Rohm BD37A19FVM-TR Datasheet HTML 5Page - Rohm BD37A19FVM-TR Datasheet HTML 6Page - Rohm BD37A19FVM-TR Datasheet HTML 7Page - Rohm BD37A19FVM-TR Datasheet HTML 8Page - Rohm BD37A19FVM-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product has not designed protection against radioactive rays
.
1/15
TSZ02201-0T2T0AN00130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
25.Apr.2013 Rev.002
TSZ22111・14・001
www.rohm.com
Voltage
Detectors
Voltage Detector ICs with Watchdog Timer
BD37Axx Series
BD87Axx Series
BD99A41F
●General Description
The BD37A19FVM, BD37A41FVM, BD87A28FVM,
BD87A29FVM,
BD87A34FVM,
BD87A41FVM
and
BD99A41F are watchdog timer reset ICs. It delivers a
high precision detection voltage of
1.5% and a
super-low current consumption of 5 µA (Typ.). It can be
used in a wide range of electronic devices to monitor
power supply voltages and in system operation to
prevent runaway operation.
●Features
 Built-in watchdog timer
 Reset delay time can be set with the CT pin's
external capacitance
 Watchdog timer monitor time and reset time can be
set with the CTW pin's external capacitance.
 Output circuit type: N-channel open drain
●Applications
All devices using microcontrollers or DSP, including
vehicle equipment, displays, servers, DVD players,
and telephone systems
●Key Specifications
 RESET power supply voltage range:
1.0V to 10V
 WDT power supply voltage range:
2.5V to 10V
 High precision detection voltage:
(Ta = 25℃)
1.5%
(Ta =
−40℃ to 105℃)
2.5%
 Super-low current consumption:
5
μA(Typ.)
 Operating temperature range:
-40℃ to +105℃
●Packages
W (Typ.) x D (Typ.) x H (Max.)
 MSOP8
2.90mm x 4.00mm x 0.90mm
 SOP8
5.00mm x 6.20mm x 1.71mm
●Ordering Information
B
D
3
7
A
1
9
F
V
M
-
T R
Part Number
37A:WDT H Active
87A:WDT L Active
99A:WDT H Active
Detection Voltage
19:1.9V
28:2.8V
29:2.9V
34:3.4V
41:4.1V
Package
FVM : MSOP8
F
: SOP8
Packaging and forming specification
TR: Embossed tape and reel
E2: Embossed tape and reel
●Lineup
Detection voltage (Typ.)
INH logic
Package
Orderable
Part Number
1.9V
H: Active
MSOP8
Reel of 3000
BD37A19FVM-TR
4.1V
H: Active
MSOP8
Reel of 3000
BD37A41FVM-TR
2.8V
L: Active
MSOP8
Reel of 3000
BD87A28FVM-TR
2.9V
L: Active
MSOP8
Reel of 3000
BD87A29FVM-TR
3.4V
L: Active
MSOP8
Reel of 3000
BD87A34FVM-TR
4.1V
L: Active
MSOP8
Reel of 3000
BD87A41FVM-TR
4.1V
H: Active
SOP8
Reel of 2500
BD99A41F-E2


Podobny numer części - BD37A19FVM-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37A19FVM-TR ROHM-BD37A19FVM-TR Datasheet
1Mb / 19P
   Voltage Detector ICs with Watchdog Timer
More results

Podobny opis - BD37A19FVM-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37A19FVM-TR ROHM-BD37A19FVM-TR Datasheet
1Mb / 19P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_10 Datasheet
468Kb / 11P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
logo
Megawin Technology Co.,...
MG65L513A MEGAWIN-MG65L513A Datasheet
551Kb / 30P
   Watchdog timer built-in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com