Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA05CC0WFP-E2 Arkusz danych(PDF) 2 Page - Rohm

Numer części BA05CC0WFP-E2
Szczegółowy opis  2A/1A Fixed OutputLDORegulators With ShutdownSwicth
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA05CC0WFP-E2 Arkusz danych(HTML) 2 Page - Rohm

  BA05CC0WFP-E2 Datasheet HTML 1Page - Rohm BA05CC0WFP-E2 Datasheet HTML 2Page - Rohm BA05CC0WFP-E2 Datasheet HTML 3Page - Rohm BA05CC0WFP-E2 Datasheet HTML 4Page - Rohm BA05CC0WFP-E2 Datasheet HTML 5Page - Rohm BA05CC0WFP-E2 Datasheet HTML 6Page - Rohm BA05CC0WFP-E2 Datasheet HTML 7Page - Rohm BA05CC0WFP-E2 Datasheet HTML 8Page - Rohm BA05CC0WFP-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Datasheet
2/20
BAxxDD0xx
BAxxCC0xx
TSZ02201-0R6R0A600130-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
26.Jun.2012 Rev.001
www.rohm.com
●Ordering Information
B
A
x
x
x
x
0
x
x
x
x
-
x x
Part
Number
Output voltage
Output
Current
CC0 : 1A
DD0 : 2A
Shutdown Switch
W : Includes switch
None: without switch
Package
Packaging and forming specification
TR: Embossed tape and reel
(HRP5)
E2: Embossed tape and reel
(TO252-3,TO252-5)
None : Container Tube
(TO220FP-3,TO220FP-5)
HFP
FP
T
: HRP5
: TO252-5
: TO252-3
: TO220FP-5
: TO220FP-3
●Lineup
■1A output BAxxCC0xx Series
Maximum output
current (Max.)
Shutdown
Switch
Package
Output
voltage(Typ.)
Orderable
Part Number
1A
With Switch
TO252-5
Reel of 2000
3.3V
BA033CC0WFP-E2
5.0V
BA05CC0WFP-E2
6.0V
BA06CC0WFP-E2
7.0V
BA07CC0WFP-E2
8.0V
BA08CC0WFP-E2
9.0V
BA09CC0WFP-E2
12.0V
BAJ2CC0WFP-E2
TO220FP-5
Tube of 500
3.0V
BA03CC0WT
3.3V
BA033CC0WT
5.0V
BA05CC0WT
7.0V
BA07CC0WT
8.0V
BA08CC0WT
9.0V
BA09CC0WT
10.0V
BAJ0CC0WT
12.0V
BAJ2CC0WT
No switch
TO252-3
Reel of 2000
3.0V
BA03CC0FP-E2
3.3V
BA033CC0FP-E2
5.0V
BA05CC0FP-E2
6.0V
BA06CC0FP-E2
7.0V
BA07CC0FP-E2
8.0V
BA08CC0FP-E2
9.0V
BA09CC0FP-E2
10.0V
BAJ0CC0FP-E2
12.0V
BAJ2CC0FP-E2
15.0V
BAJ5CC0FP-E2
TO220FP-3
Tube of 500
3.0V
BA03CC0T
3.3V
BA033CC0T
5.0V
BA05CC0T
6.0V
BA06CC0T
7.0V
BA07CC0T
8.0V
BA08CC0T
9.0V
BA09CC0T
10.0V
BAJ0CC0T
12.0V
BAJ2CC0T
15.0V
BAJ5CC0T


Podobny numer części - BA05CC0WFP-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA05CC0WFP-E2 ROHM-BA05CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA05CC0WFP-E2 ROHM-BA05CC0WFP-E2 Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Podobny opis - BA05CC0WFP-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA08CC0FP-E2 ROHM-BA08CC0FP-E2 Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
   2A/1A Variable Output
logo
SHENZHEN FUMAN ELECTRON...
FM5881A FUMAN-FM5881A Datasheet
631Kb / 7P
   1A/1.5A/2A current limiting switch
logo
Rohm
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
logo
Renesas Technology Corp
HIP2103 RENESAS-HIP2103 Datasheet
893Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
logo
Intersil Corporation
HIP2103FRTAAZ INTERSIL-HIP2103FRTAAZ Datasheet
495Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
   1A, 3.3V Fixed Linear Regulator
logo
Rohm
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com