Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD1754HFN Arkusz danych(PDF) 11 Page - Rohm

Numer części BD1754HFN
Szczegółowy opis  Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD1754HFN Arkusz danych(HTML) 11 Page - Rohm

Back Button BD1754HFN_12 Datasheet HTML 7Page - Rohm BD1754HFN_12 Datasheet HTML 8Page - Rohm BD1754HFN_12 Datasheet HTML 9Page - Rohm BD1754HFN_12 Datasheet HTML 10Page - Rohm BD1754HFN_12 Datasheet HTML 11Page - Rohm BD1754HFN_12 Datasheet HTML 12Page - Rohm BD1754HFN_12 Datasheet HTML 13Page - Rohm BD1754HFN_12 Datasheet HTML 14Page - Rohm BD1754HFN_12 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/16
BD1754HFN
Datasheet
TSZ02201-0G3G0C200060-1-2
9.NOV.2012 Rev.001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
(5) Circuit example when driving a large current with only one LED powered on.
VIN
ISET
GND
Current
DAC
UPIC
6
EN
L2
L1
0.1µF
L4
L3
(When ILED-max =32mA)
120k
ILED=128mA
Cin
RISET
Figure 20. Circuit example when driving a large current with only one LED powered on.
This figure shows a circuit example when driving a large current through all of four channels with only one LED
powered on. By shorting out all the LED driver pins, in the example of using 120 k
Ω RISET, a current up to 128 mA (32
mA x 4) can be driven. In this example, the brightness can be adjusted in 64 gradations with 2 mA step (0.5 mA
step/channel x 4 channels). For higher current values, using 60 k
Ω RISET allows a current up to 256 mA to be driven
into one of the LEDs. The power ON/OFF and the brightness of the LEDs are controlled through the EN pin in
accordance with the UPIC format.
(6)
Circuit example when making the eight LEDs available by connecting the two BD1754HFN drivers
VIN
ISET
GND
Current
DAC
UPIC
6
EN
L2
L1
0.1µF
L4
L3
(When ILED-max =32mA)
120k
ILED=32mA
VIN
ISET
GND
Current
DAC
UPIC
6
EN
L2
L1
L4
L3
(When ILED-max =32mA)
120k
ILED=32mA
0.1µF
Cin
RISET
Cin
RISET
Figure 21. Circuit example when making the eight LEDs available by connecting the two BD1754HFN drivers
This figure shows a circuit example when making eight LEDs available by connecting two BD1754HFN drivers.
By connecting the control signals to the EN pins in parallel, the eight LED channels can be controlled concurrently.
This parallel connection scheme can increase the number of the LED channels further as necessary (such as twelve,
sixteen, or more). Determine the resistance value with which the LED current value is maximized and then connect
such resistor between the ISET and the GND pins. The power ON/OFF and the brightness of the LEDs are controlled
through the EN pin in accordance with the UPIC format.


Podobny numer części - BD1754HFN_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results

Podobny opis - BD1754HFN_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1754HFN-TR ROHM-BD1754HFN-TR Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Unisonic Technologies
L3060 UTC-L3060_17 Datasheet
249Kb / 5P
   HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4002B ONSEMI-CAT4002B Datasheet
183Kb / 11P
   Constant Current Programmable LED Driver with 32 Dimming Levels
January, 2010 ??Rev. 2
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
   PWM dimming LED constant current driver chip
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
Phihong USA Inc.
PDA060B-700B PHIHONG-PDA060B-700B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com