Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD1754HFN Arkusz danych(PDF) 3 Page - Rohm

Numer części BD1754HFN
Szczegółowy opis  Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD1754HFN Arkusz danych(HTML) 3 Page - Rohm

  BD1754HFN_12 Datasheet HTML 1Page - Rohm BD1754HFN_12 Datasheet HTML 2Page - Rohm BD1754HFN_12 Datasheet HTML 3Page - Rohm BD1754HFN_12 Datasheet HTML 4Page - Rohm BD1754HFN_12 Datasheet HTML 5Page - Rohm BD1754HFN_12 Datasheet HTML 6Page - Rohm BD1754HFN_12 Datasheet HTML 7Page - Rohm BD1754HFN_12 Datasheet HTML 8Page - Rohm BD1754HFN_12 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/16
BD1754HFN
Datasheet
TSZ02201-0G3G0C200060-1-2
9.NOV.2012 Rev.001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Pin Descriptions
No.
Pin Name
In/
Out
ESD Diode
Functions
For Power
For GND
1
EN
In
VIN
GND
LED enable and Brightness control signal
2
GND
-
VIN
-
Ground
3
ISET
Out
VIN
GND
Bias current
4
VIN
-
-
GND
Power supply voltage input
5
L1
In
-
GND
Current sink for LED 1
6
L2
In
-
GND
Current sink for LED 2
7
L3
In
-
GND
Current sink for LED 3
8
L4
In
-
GND
Current sink for LED 4
-
Thermal PAD
-
-
-
Heat radiation PAD of back side
Connect to GND
●Block Diagram
Figure 3. Block Diagram
VIN
ISET
GND
Current
DAC
UPIC
6
EN
L2
L1
L4
L3


Podobny numer części - BD1754HFN_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results

Podobny opis - BD1754HFN_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1754HFN-TR ROHM-BD1754HFN-TR Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Unisonic Technologies
L3060 UTC-L3060_17 Datasheet
249Kb / 5P
   HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4002B ONSEMI-CAT4002B Datasheet
183Kb / 11P
   Constant Current Programmable LED Driver with 32 Dimming Levels
January, 2010 ??Rev. 2
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
   PWM dimming LED constant current driver chip
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
Phihong USA Inc.
PDA060B-700B PHIHONG-PDA060B-700B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com