Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD676JN Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD676JN
Szczegółowy opis  16-Bit 100 kSPS Sampling ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD676JN Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD676JN Datasheet HTML 6Page - Analog Devices AD676JN Datasheet HTML 7Page - Analog Devices AD676JN Datasheet HTML 8Page - Analog Devices AD676JN Datasheet HTML 9Page - Analog Devices AD676JN Datasheet HTML 10Page - Analog Devices AD676JN Datasheet HTML 11Page - Analog Devices AD676JN Datasheet HTML 12Page - Analog Devices AD676JN Datasheet HTML 13Page - Analog Devices AD676JN Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD676
REV. A
–10–
POWER SUPPLIES AND DECOUPLING
The AD676 has three power supply input pins. VCC and VEE
provide the supply voltages to operate the analog portions of the
AD676 including the ADC and sample-hold amplifier (SHA).
VDD provides the supply voltage which operates the digital por-
tions of the AD676 including the data output buffers and the
autocalibration controller.
As with most high performance linear circuits, changes in the
power supplies can produce undesired changes in the perfor-
mance of the circuit. Optimally, well regulated power supplies
with less than 1% ripple should be selected. The ac output im-
pedance of a power supply is a complex function of frequency,
and in general will increase with frequency. In other words, high
frequency switching such as that encountered with digital cir-
cuitry requires fast transient currents which most power supplies
cannot adequately provide. This results in voltage spikes on the
supplies. If these spikes exceed the
±5% tolerance of the ±12 V
supplies or the
±10% limits of the +5 V supply, ADC perfor-
mance will degrade. Additionally, spikes at frequencies higher
than 100 kHz will also degrade performance. To compensate for
the finite ac output impedance of the supplies, it is necessary to
store “reserves” of charge in bypass capacitors. These capacitors
can effectively lower the ac impedance presented to the AD676
power inputs which in turn will significantly reduce the magni-
tude of the voltage spikes. For bypassing to be effective, certain
guidelines should be followed. Decoupling capacitors, typically
0.1
µF, should be placed as closely as possible to each power
supply pin of the AD676. It is essential that these capacitors be
placed physically close to the IC to minimize the inductance of
the PCB trace between the capacitor and the supply pin. The
logic supply (VDD) should be decoupled to digital common and
the analog supplies (Vcc and VEE) to analog common. The ref-
erence input is also considered as a power supply pin in this re-
gard and the same decoupling procedures apply. These points
are displayed in Figure 4.
+5V
12V –12V
SYSTEM
ANALOG
COMMON
SYSTEM
DIGITAL
COMMON
AGND
DGND
AD676
17
12
13
11
18
EE
V
CC
V
11
V
REF
VDD
0.1
µF
0.1
µF
0.1
µF
0.1
µF
Figure 4. Grounding and Decoupling the AD676
Additionally, it is beneficial to have large capacitors (>47
µF)
located at the point where the power connects to the PCB with
10
µF capacitors located in the vicinity of the ADC to further
reduce low frequency ripple. In systems that will be subjected to
particularly harsh environmental noise, additional decoupling
may be necessary. RC-filtering on each power supply combined
with dedicated voltage regulation can substantially decrease
power supply ripple effects (this is further detailed in Figure 7).
BOARD LAYOUT
Designing with high resolution data converters requires careful
attention to board layout. Trace impedance is a significant issue.
A 1.22 mA current through a 0.5
Ω trace will develop a voltage
drop of 0.6 mV, which is 4 LSBs at the 16-bit level for a 10 V
full-scale span. In addition to ground drops, inductive and ca-
pacitive coupling need to be considered, especially when high
accuracy analog signals share the same board with digital
signals.
Analog and digital signals should not share a common return
path. Each signal should have an appropriate analog or digital
return routed close to it. Using this approach, signal loops en-
close a small area, minimizing the inductive coupling of noise.
Wide PC tracks, large gauge wire, and ground planes are highly
recommended to provide low impedance signal paths. Separate
analog and digital ground planes are also desirable, with a single
interconnection point at the AD676 to minimize interference
between analog and digital circuitry. Analog signals should be
routed as far as possible from digital signals and should cross
them, if at all, only at right angles. A solid analog ground plane
around the AD676 will isolate it from large switching ground
currents. For these reasons, the use of wire wrap circuit con-
struction will not provide adequate performance; careful printed
circuit board construction is preferred.
GROUNDING
The AD676 has three grounding pins, designated ANALOG
GROUND (AGND), DIGITAL GROUND (DGND) and
ANALOG GROUND SENSE (AGND SENSE). The analog
ground pin is the “high quality” ground reference point for the
device, and should be connected to the analog common point in
the system.
AGND SENSE is intended to be connected to the input signal
ground reference point. This allows for slight differences in level
between the analog ground point in the system and the input
signal ground point. However no more than 100 mV is recom-
mended between the AGND and the AGND SENSE pins for
specified performance.


Podobny numer części - AD676JN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD676JD AD-AD676JD Datasheet
388Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676JD AD-AD676JD Datasheet
421Kb / 17P
   16-Bit 100 kSPS Sampling ADC
More results

Podobny opis - AD676JN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_15 Datasheet
430Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD1876 AD-AD1876 Datasheet
190Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_15 Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_17 Datasheet
421Kb / 17P
   16-Bit 100 kSPS Sampling ADC
AD676 AD-AD676 Datasheet
388Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677 Datasheet
427Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_17 Datasheet
461Kb / 17P
   16-Bit 100 kSPS Sampling ADC
AD676KN AD-AD676KN Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
   100 kSps, 16-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com