Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM1100ARZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADUM1100ARZ
Szczegółowy opis  iCoupler Digital Isolator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM1100ARZ Arkusz danych(HTML) 5 Page - Analog Devices

  ADUM1100ARZ Datasheet HTML 1Page - Analog Devices ADUM1100ARZ Datasheet HTML 2Page - Analog Devices ADUM1100ARZ Datasheet HTML 3Page - Analog Devices ADUM1100ARZ Datasheet HTML 4Page - Analog Devices ADUM1100ARZ Datasheet HTML 5Page - Analog Devices ADUM1100ARZ Datasheet HTML 6Page - Analog Devices ADUM1100ARZ Datasheet HTML 7Page - Analog Devices ADUM1100ARZ Datasheet HTML 8Page - Analog Devices ADUM1100ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADuM1100
Rev. I | Page 5 of 20
1 Output supply current values are with no output load present. See
and
for information on supply current variation with logic signal frequency. See
the
section for guidance on calculating the input and output supply currents for a given data rate and output load.
Figure 5
Figure 5
Figure 6
Figure 6
Power Consumption
Power Consumption
2 The minimum pulse width is the shortest pulse width at which the specified pulse width distortion is guaranteed.
3 The maximum data rate is the fastest data rate at which the specified pulse width distortion is guaranteed.
4 tPHL is measured from the 50% level of the falling edge of the VI signal to the 50% level of the falling edge of the VO signal. tPLH is measured from the 50% level of the
rising edge of the VI signal to the 50% level of the rising edge of the VO signal.
5 Because the input thresholds of the ADuM1100 are at voltages other than the 50% level of typical input signals, the measured propagation delay and pulse width
distortion can be affected by slow input rise/fall times. See the
section and
through
for information on the
impact of given input rise/fall times on these parameters.
Propagation Delay-Related Parameters
Figure 14
Figure 18
6 Pulse width distortion change vs. temperature is the absolute value of the change in pulse width distortion for a 1°C change in operating temperature.
7 tPSK1 is the magnitude of the worst-case difference in tPHL and/or tPLH that is measured between units at the same operating temperature and output load within the
recommended operating conditions. tPSK2 is the magnitude of the worst-case difference in tPHL and/or tPLH that is measured between units at the same operating
temperature, supply voltages, and output load within the recommended operating conditions.
8 CMH is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum common-mode voltage slew rate
that can be sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling edges. The transient magnitude is the range
over which the common mode is slewed.
9 Dynamic supply current is the incremental amount of supply current required for a 1 Mbps increase in signal data rate. See
and
for information on
supply current variation with logic signal frequency. See the
section for guidance on calculating the input and output supply currents for a given
data rate and output load.


Podobny numer części - ADUM1100ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM1100AR AD-ADUM1100AR Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
ADUM1100AR-RL7 AD-ADUM1100AR-RL7 Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
ADUM1100ARWZ AD-ADUM1100ARWZ Datasheet
253Kb / 8P
   ESD/Latch-Up Considerations with iCoupler짰 Isolation Products
REV. 0
More results

Podobny opis - ADUM1100ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM1100BRZ AD-ADUM1100BRZ Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADUM1100 AD-ADUM1100 Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
ADUM1100 AD-ADUM1100_15 Datasheet
384Kb / 20P
   Coupler Digital Isolator
Rev. I
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
   Dual Digital Isolator
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
[Old version datasheet]   DUAL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
   TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com