Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM1100AR-RL7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADuM1100AR-RL7
Szczegółowy opis  iCoupler Digital Isolator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM1100AR-RL7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADuM1100AR-RL7 Datasheet HTML 4Page - Analog Devices ADuM1100AR-RL7 Datasheet HTML 5Page - Analog Devices ADuM1100AR-RL7 Datasheet HTML 6Page - Analog Devices ADuM1100AR-RL7 Datasheet HTML 7Page - Analog Devices ADuM1100AR-RL7 Datasheet HTML 8Page - Analog Devices ADuM1100AR-RL7 Datasheet HTML 9Page - Analog Devices ADuM1100AR-RL7 Datasheet HTML 10Page - Analog Devices ADuM1100AR-RL7 Datasheet HTML 11Page - Analog Devices ADuM1100AR-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADuM1100
Data Sheet
Rev. I | Page 8 of 20
ELECTRICAL SPECIFICATIONS—MIXED 5 V/3 V OR 3 V/5 V OPERATION
All voltages are relative to their respective ground. 5 V/3 V operation: 4.5 V ≤ VDD1 ≤ 5.5 V, 3.0 V ≤ VDD2 ≤ 3.6 V. 3 V/5 V operation:
≤ VDD1 ≤ 3.6 V, 4.5 V ≤ VDD2 ≤ 5.5 V. All minimum/maximum specifications apply over the entire recommended operation range,
otherwise noted. All typical specifications are at TA = 25°C, VDD1 = 3.3 V, VDD2 = 5 V or VDD1 = 5 V, VDD2 = 3.3 V.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current, Quiescent
IDDI (Q)
5 V/3 V Operation
0.3
0.8
mA
3 V/5 V Operation
0.1
0.3
mA
Output Supply Current, Quiescent
IDDO (Q)
5 V/3 V Operation
0.005
0.04
mA
3 V/5 V Operation
0.01
0.06
mA
Input Supply Current, 25 Mbps
IDDI (25)
5 V/3 V Operation
2.2
3.5
mA
12.5 MHz logic signal frequency
3 V/5 V Operation
2.0
2.8
mA
12.5 MHz logic signal frequency
Output Supply Current1, 25 Mbps
IDDO (25)
5 V/3 V Operation
0.3
0.7
mA
12.5 MHz logic signal frequency
3 V/5 V Operation
0.5
1.0
mA
12.5 MHz logic signal frequency
Input Supply Current, 50 Mbps
IDDI (50)
5 V/3 V Operation
4.5
7.0
mA
25 MHz logic signal frequency
3 V/5 V Operation
4.0
6.0
mA
25 MHz logic signal frequency
Output Supply Current1, 50 Mbps
IDDO (50)
5 V/3 V Operation
1.2
1.6
mA
25 MHz logic signal frequency
3 V/5 V Operation
1.0
1.5
mA
25 MHz logic signal frequency
Input Currents
IIA
−10
+0.01
+10
μA
0 V ≤ VIA, VIB, VIC, VID ≤ VDD1 or VDD2
Logic High Output Voltage
VOH
VDD2 − 0.1
3.3
V
IO = −20 μA, VI = VIH
5 V/3 V Operation
VDD2 − 0.5
3.0
V
IO = −2.5 mA, VI = VIH
Logic Low Output Voltage
VOL
0.0
0.1
V
IO = 20 μA, VI = VIL
5 V/3 V Operation
0.04
0.1
V
IO = 400 μA, VI = VIL
0.3
0.4
V
IO = 2.5 mA, VI = VIL
Logic High Output Voltage
VOH
VDD2 − 0.1
5.0
V
IO = −20 μA, VI = VIH
3 V/5 V Operation
VDD2 − 0.8
4.6
V
IO = −4 mA, VI = VIH
Logic Low Output Voltage
VOL
0.0
0.1
V
IO = 20 μA, VI = VIL
3 V/5 V Operation
0.03
0.1
V
IO = 400 μA, VI = VIL
0.3
0.8
V
IO = 4 mA, VI = VIL
SWITCHING SPECIFICATIONS
For ADuM1100AR
Minimum Pulse Width2
PW
40
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate3
25
Mbps
CL = 15 pF, CMOS signal levels
For ADuM1100BR/ADuM1100UR
Minimum Pulse Width2
PW
20
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate3
50
Mbps
CL = 15 pF, CMOS signal levels
For All Grades
Propagation Delay Time to Logic
Low/High Output4, 5
tPHL, tPLH
5 V/3 V Operation (See Figure 9)
13
21
ns
CL = 15 pF, CMOS signal levels
3 V/5 V Operation (See Figure 10)
16
26
ns
CL = 15 pF, CMOS signal levels


Podobny numer części - ADuM1100AR-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM1100AR-RL7 AD-ADUM1100AR-RL7 Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
More results

Podobny opis - ADuM1100AR-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM1100BRZ AD-ADUM1100BRZ Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADUM1100 AD-ADUM1100 Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
ADUM1100 AD-ADUM1100_15 Datasheet
384Kb / 20P
   Coupler Digital Isolator
Rev. I
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
   Dual Digital Isolator
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
[Old version datasheet]   DUAL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
   TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com