Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM1100BR Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADuM1100BR
Szczegółowy opis  iCoupler Digital Isolator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM1100BR Arkusz danych(HTML) 1 Page - Analog Devices

  ADuM1100BR Datasheet HTML 1Page - Analog Devices ADuM1100BR Datasheet HTML 2Page - Analog Devices ADuM1100BR Datasheet HTML 3Page - Analog Devices ADuM1100BR Datasheet HTML 4Page - Analog Devices ADuM1100BR Datasheet HTML 5Page - Analog Devices ADuM1100BR Datasheet HTML 6Page - Analog Devices ADuM1100BR Datasheet HTML 7Page - Analog Devices ADuM1100BR Datasheet HTML 8Page - Analog Devices ADuM1100BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
iCoupler Digital Isolator
Data Sheet
ADuM1100
Rev. I
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2001–2012 Analog Devices, Inc. All rights reserved.
FEATURES
High data rate: dc to 100 Mbps (NRZ)
Compatible with 3.3 V and 5.0 V operation/level translation
125°C maximum operating temperature
Low power operation
5 V operation
1.0 mA maximum @ 1 Mbps
4.5 mA maximum @ 25 Mbps
16.8 mA maximum @ 100 Mbps
3.3 V operation
0.4 mA maximum @ 1 Mbps
3.5 mA maximum @ 25 Mbps
7.1 mA maximum @ 50 Mbps
8-lead SOIC_N package (RoHS compliant version available)
High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals
UL recognized
2500 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
VDE Certificate of Conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 560 V peak
APPLICATIONS
Digital field bus isolation
Opto-isolator replacement
Computer peripheral interface
Microprocessor system interface
General instrumentation and data acquisition applications
GENERAL DESCRIPTION
The ADuM11001 is a digital isolator based on Analog Devices
Inc.
, iCoupler® technology. Combining high speed CMOS and
monolithic air core transformer technology, this isolation
component provides outstanding performance characteristics
superior to alternatives, such as optocoupler devices.
Configured as a pin-compatible replacement for existing high
speed optocouplers, the ADuM1100 supports data rates as high
as 25 Mbps and 100 Mbps.
The ADuM1100 operates with a voltage supply ranging from
3.0 V to 5.5 V, boasts a propagation delay of <18 ns and edge
asymmetry of <2 ns, and is compatible with temperatures up
to 125°C. It operates at very low power, less than 0.9 mA of
quiescent current (sum of both sides), and a dynamic current
of less than 160 μA per Mbps of data rate. Unlike other optocoupler
alternatives, the ADuM1100 provides dc correctness with a
patented refresh feature that continuously updates the output
signal.
The ADuM1100 is offered in three grades. The ADuM1100AR
and ADuM1100BR can operate up to a maximum temperature
of 105°C and support data rates up to 25 Mbps and 100 Mbps,
respectively. The ADuM1100UR can operate up to a maximum
temperature of 125°C and supports data rates up to 100 Mbps.
1 Protected by U.S. Patents 5,952,849; 6,525,566; 6,922,080; 6,903,578;
6,873,065; 7,075,329.
FUNCTIONAL BLOCK DIAGRAM
WATCHDOG
E
N
C
O
D
E
D
E
C
O
D
E
UPDATE
VDD1
VI
(DATA IN)
VDD1
GND1
VDD2
GND2
VO
(DATA OUT)
GND2
ADuM1100
NOTES
1. FOR PRINCIPLES OF OPERATION, SEE METHOD OF OPERATION,
DC CORRECTNESS, AND MAGNETIC FIELD IMMUNITY SECTION.
8
7
6
5
1
2
3
4
Figure 1.


Podobny numer części - ADuM1100BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM1100BR AD-ADUM1100BR Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
ADUM1100BR-RL7 AD-ADUM1100BR-RL7 Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
ADUM1100BRZ AD-ADUM1100BRZ Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
More results

Podobny opis - ADuM1100BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM1100BRZ AD-ADUM1100BRZ Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADUM1100 AD-ADUM1100 Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
ADUM1100 AD-ADUM1100_15 Datasheet
384Kb / 20P
   Coupler Digital Isolator
Rev. I
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
   Dual Digital Isolator
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
[Old version datasheet]   DUAL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
   TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com