Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADV7179KCPZ-REEL2 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADV7179KCPZ-REEL2
Szczegółowy opis  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADV7179KCPZ-REEL2 Arkusz danych(HTML) 4 Page - Analog Devices

  ADV7179KCPZ-REEL2 Datasheet HTML 1Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 2Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 3Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 4Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 5Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 6Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 7Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 8Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
ADV7174/ADV7179
Rev. B | Page 4 of 52
SPECIFICATIONS
2.8 V SPECIFICATIONS
VAA = 2.8 V, VREF = 1.235 V, RSET = 150 Ω. All specifications TMIN to TMAX1, unless otherwise noted.
Table 1.
Parameter
Conditions1
Min
Typ
Max
Unit
STATIC PERFORMANCE2
Resolution (Each DAC)
10
Bits
Accuracy (Each DAC)
Integral Nonlinearity
RSET = 300 Ω
±3.0
LSB
Differential Nonlinearity
Guaranteed monotonic
±1
LSB
DIGITAL INPUTS2
Input High Voltage, VINH
1.6
V
Input Low Voltage, VINL
0.7
V
Input Current, IIN
VIN = 0.4 V or 2.4 V
±1
μA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS2
Output High Voltage, VOH
ISOURCE = 400 μA
2.4
V
Output Low Voltage, VOL
ISINK = 3.2 mA
0.4
V
Three-State Leakage Current
10
μA
Three-State Output Capacitance
10
pF
ANALOG OUTPUTS2
Output Current 3
RSET = 150 Ω, RL = 37.5 Ω
33
34.7
37
mA
DAC-to-DAC Matching
2.0
%
Output Compliance, VOC
0
1.4
V
Output Impedance, ROUT
30
Output Capacitance, COUT
IOUT = 0 mA
30
pF
POWER REQUIREMENTS2, 4
VAA
2.8
V
Normal Power Mode
IDAC (Max)5
RSET = 150 Ω, RL = 37.5 Ω
115
120
mA
ICCT6
30
mA
Low Power Mode
IDAC (Max)5
62
mA
ICCT6
30
mA
Sleep Mode
IDAC7
0.1
μA
ICCT8
0.001
μA
Power Supply Rejection Ratio
COMP = 0.1 μF
0.01
0.5
%/%
1 Temperature range TMIN to TMAX: –20°C to +85°C.
2 Guaranteed by characterization.
3 DACs can output 35 mA typically at 2.8 V (RSET = 150 Ω and RL = 37.5 Ω). Full drive into 37.5 Ω load.
4 Power measurements are taken with clock frequency = 27 MHz. Max TJ = 110°C.
5 IDAC is the total current (min corresponds to 5 mA output per DAC, max corresponds to 37 mA output per DAC) to drive all three DACs. Turning off individual DACs
reduces IDAC correspondingly.
6 ICCT (circuit current) is the continuous current required to drive the device.
7 Total DAC current in sleep mode.
8 Total continuous current during sleep mode.


Podobny numer części - ADV7179KCPZ-REEL2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7179KCP AD-ADV7179KCP Datasheet
488Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. A
ADV7179KCP-REEL AD-ADV7179KCP-REEL Datasheet
488Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. A
More results

Podobny opis - ADV7179KCPZ-REEL2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7174 AD-ADV7174_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7179 AD-ADV7179_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
Rev. B
ADV7174 AD-ADV7174 Datasheet
488Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. A
ADV7170 AD-ADV7170 Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
logo
Intersil Corporation
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
   NTSC/PAL Video Encoder
logo
Motorola, Inc
MC13077 MOTOROLA-MC13077 Datasheet
159Kb / 14P
   ADVANCED PAL/NTSC ENCODER
logo
Zoran Corporation
CVE2 ZORAN-CVE2 Datasheet
228Kb / 2P
   NTSC/PAL Video Encoder
logo
Renesas Technology Corp
HMP8170 RENESAS-HMP8170 Datasheet
1Mb / 33P
   NTSC/PAL Video Encoder
Sep 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com