Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS931E Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części ADS931E
Szczegółowy opis  8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS931E Arkusz danych(HTML) 2 Page - Texas Instruments

  ADS931E Datasheet HTML 1Page - Texas Instruments ADS931E Datasheet HTML 2Page - Texas Instruments ADS931E Datasheet HTML 3Page - Texas Instruments ADS931E Datasheet HTML 4Page - Texas Instruments ADS931E Datasheet HTML 5Page - Texas Instruments ADS931E Datasheet HTML 6Page - Texas Instruments ADS931E Datasheet HTML 7Page - Texas Instruments ADS931E Datasheet HTML 8Page - Texas Instruments ADS931E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADS931
2
SBAS060A
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
+VS ....................................................................................................... +6V
Analog Input ........................................................... (–0.3V) to (+VS +0.3V)
Logic Input ............................................................. (–0.3V) to (+VS +0.3V)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +150
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
ADS931E
SSOP-28 Surface Mount
324
–40
°C to +85°C
ADS931E
ADS931E
Rails
""
"
"
"
ADS931E/1K
Tape and Reel
NOTES: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel). Ordering 1000 pieces
of “ADS931E/1K” will get a single 1000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
ELECTRICAL CHARACTERISTICS
At TA = full specified temperature range unless otherwise noted. +VS = LVDD = +3V, specified single-ended input (1V to 2V) and sampling rate = 30MHz, unless
otherwise specified. The input range is 2.25V to 3.25V when specified for +5V operation.
ADS931E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
8
Bits
SPECIFIED TEMPERATURE RANGE
Ambient Air
–40 to +85
°C
ANALOG INPUT
Specified Full Scale Input Range(1)
1Vp-p
+1.0
+2.0
V
Common-mode Voltage
+1.5
V
Analog Input Bias Current
1
µA
Input Impedance
1.25 || 5
M
Ω || pF
DIGITAL INPUTS
Logic Family
TTL/HCT Compatible CMOS
High Input Voltage, VIH
+2.0
LVDD
V
Low Input Voltage, VIL
+0.8
V
High Input Current, IIH
±10
µA
Low Input Current, IIL
±10
µA
Input Capacitance
5pF
CONVERSION CHARACTERISTICS
Start Conversion
Rising Edge of Convert Clock
Sample Rate
10k
33M
Samples/s
Data Latency
5
Clk Cycles
DYNAMIC CHARACTERISTICS
Differential Linearity Error
VS = +3V and +5V
f = 500kHz
±0.7
±1.0
LSB
f = 12.5MHz
±0.7
LSB
No Missing Codes
VS = +3V and +5V
Guaranteed
Integral Nonlinearity Error, f = 500kHz
VS = +3V and +5V
±1.0
±2.5
LSB
Spurious Free Dynamic Range(2)
VS = +3V and +5V
f = 500kHz (–1dBFS input)
49
dBFS(3)
f = 12.5MHz (–1dBFS input)
43
49
dBFS
Two-Tone Intermodulation Distortion(4)
f = 3.6MHz and 3.5MHz (–7dBFS each tone)
54
dBFS
Signal-to-Noise Ratio (SNR)
VS = +3V and +5V
f = 500kHz (–1dBFS input)
48
dB
f = 12.5MHz (–1dBFS input)
44
48
dB
Signal-to-(Noise + Distortion) (SINAD)
VS = +3V and +5V
f = 500kHz (–1dBFS input)
45
dB
f = 12.5MHz (–1dBFS input)
40
45
dB
Effective Number of Bits
f = 12MHz(5)
7.2
Bits
Differential Gain Error
NTSC, PAL
2.3
%
Differential Phase Error
NTSC, PAL
1
degrees


Podobny numer części - ADS931E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS931E TI1-ADS931E Datasheet
437Kb / 17P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931E1K TI1-ADS931E1K Datasheet
437Kb / 17P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931E1KG4 TI1-ADS931E1KG4 Datasheet
437Kb / 17P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931EG4 TI1-ADS931EG4 Datasheet
437Kb / 17P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS931E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS931 TI1-ADS931_14 Datasheet
437Kb / 17P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS831 BURR-BROWN-ADS831 Datasheet
179Kb / 11P
   8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 BURR-BROWN-ADS930 Datasheet
191Kb / 11P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 BURR-BROWN-ADS931 Datasheet
210Kb / 12P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS930 TI1-ADS930_14 Datasheet
417Kb / 16P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 TI-ADS930_V01 Datasheet
314Kb / 14P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com