Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1246 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1246
Szczegółowy opis  24-Bit Analog-to-Digital Converters for Temperature Sensors
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS1246 Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS1246 Datasheet HTML 1Page - Texas Instruments ADS1246 Datasheet HTML 2Page - Texas Instruments ADS1246 Datasheet HTML 3Page - Texas Instruments ADS1246 Datasheet HTML 4Page - Texas Instruments ADS1246 Datasheet HTML 5Page - Texas Instruments ADS1246 Datasheet HTML 6Page - Texas Instruments ADS1246 Datasheet HTML 7Page - Texas Instruments ADS1246 Datasheet HTML 8Page - Texas Instruments ADS1246 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
Input
Mux
3rdOrder
DS
Modulator
REFP
REFN
PGA
Burnout
Detect
Burnout
Detect
DVDD
DGND
ADS1246
AVSS
AIN0
AIN1
SCLK
DIN
DRDY
DOUT/DRDY
CS
START
RESET
AVDD
InternalOscillator
Adjustable
Digital
Filter
Serial
Interface
and
Control
CLK
Input
Mux
3rdOrder
DS
Modulator
REFP1 REFN1 VREFOUT VREFCOM
REFP0/
GPIO0
REFN0/
GPIO1
Burnout
Detect
Burnout
Detect
DVDD
DGND
IEXC1
AVSS
AIN0/IEXC
AIN1/IEXC
AIN2/IEXC/GPIO2
AIN3/IEXC/GPIO3
AIN4/IEXC/GPIO4
AIN5/IEXC/GPIO5
AIN6/IEXC/GPIO6
AIN7/IEXC/GPIO7
ADS1248 Only
SCLK
DIN
DRDY
DOUT/DRDY
CS
START
RESET
AVDD
IEXC2
InternalOscillator
Voltage
Reference
Serial
Interface
and
Control
V
BIAS
GPIO
CLK
ADS1248 Only
ADS1247
ADS1248
PGA
System
Monitor
Adjustable
Digital
Filter
Dual
Current
DACs
VREFMux
ADS1248 Only
V
BIAS
ADS1246
ADS1247
ADS1248
www.ti.com
SBAS426G
– AUGUST 2008 – REVISED OCTOBER 2011
24-Bit Analog-to-Digital Converters for Temperature Sensors
Check for Samples: ADS1246, ADS1247, ADS1248
1
FEATURES
DESCRIPTION
The
ADS1246,
ADS1247,
and
ADS1248
are
23
24 Bits, No Missing Codes
highly-integrated, precision, 24-bit analog-to-digital
Data Output Rates Up to 2kSPS
converters (ADCs). The ADS1246/7/8 feature an
Single-Cycle Settling for All Data Rates
onboard, low-noise, programmable gain amplifier
(PGA), a precision delta-sigma (
ΔΣ) ADC with a
Simultaneous 50/60Hz Rejection at 20SPS
single-cycle settling digital filter, and an internal
4 Differential/7 Single-Ended Inputs (ADS1248)
oscillator. The ADS1247 and ADS1248 also provide a
2 Differential/3 Single-Ended Inputs (ADS1247)
built-in, very low drift voltage reference with 10mA
output capacity, and two matched programmable
Low-Noise PGA: 48nV at PGA = 128
current
digital-to-analog
converters
(DACs).
The
Matched Current Source DACs
ADS1246/7/8 provide a complete front-end solution
Very Low Drift Internal Voltage Reference:
for temperature sensor applications including thermal
10ppm/
°C (max)
couples, thermistors, and RTDs.
Sensor Burnout Detection
An input multiplexer supports four differential inputs
4/8 General-Purpose I/Os (ADS1247/8)
for the ADS1248, two for the ADS1247, and one for
the ADS1246. In addition, the multiplexer has a
Internal Temperature Sensor
sensor
burnout
detect,
voltage
bias
for
Power Supply and VREF Monitoring
thermocouples,
system
monitoring,
and
(ADS1247/8)
general-purpose
digital
I/Os
(ADS1247
and
Self and System Calibration
ADS1248). The onboard, low-noise PGA provides
selectable gains of 1 to 128. The
ΔΣ modulator and
SPI
™-Compatible Serial Interface
adjustable digital filter settle in only one cycle, for fast
Analog Supply Unipolar (+2.7V to
channel cycling when using the input multiplexer, and
+5.25V)/Bipolar (
±2.5V) Operation
support data rates up to 2kSPS. For data rates of
Digital Supply: +2.7V to +5.25V
20SPS or less, both 50Hz and 60Hz interference are
rejected by the filter.
Operating Temperature
–40°C to +125°C
The ADS1246 is offered in a small TSSOP-16
APPLICATIONS
package, the ADS1247 is available in a TSSOP-20
package, and the ADS1248 in a TSSOP-28 package.
Temperature Measurement
All three devices are rated over the extended
– RTDs, Thermocouples, and Thermistors
specified temperature range of
–40°C to +105°C.
Pressure Measurement
Industrial Process Control
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2008–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - ADS1246

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1246 TI-ADS1246 Datasheet
1Mb / 60P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results

Podobny opis - ADS1246

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_10 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI1-ADS1246_14 Datasheet
1Mb / 71P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248EVM-PDK TI1-ADS1248EVM-PDK Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246 Datasheet
1Mb / 60P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_12 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_14 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI-ADS1146 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_10 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com