Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCM7005RGZTG4 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCM7005RGZTG4
Szczegółowy opis  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005RGZTG4 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button CDCM7005RGZTG4 Datasheet HTML 2Page - Texas Instruments CDCM7005RGZTG4 Datasheet HTML 3Page - Texas Instruments CDCM7005RGZTG4 Datasheet HTML 4Page - Texas Instruments CDCM7005RGZTG4 Datasheet HTML 5Page - Texas Instruments CDCM7005RGZTG4 Datasheet HTML 6Page - Texas Instruments CDCM7005RGZTG4 Datasheet HTML 7Page - Texas Instruments CDCM7005RGZTG4 Datasheet HTML 8Page - Texas Instruments CDCM7005RGZTG4 Datasheet HTML 9Page - Texas Instruments CDCM7005RGZTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
CDCM7005
SCAS793E – JUNE 2005 – REVISED FEBRUARY 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE / UNIT
VCC, AVCC, VCC_CP
Supply voltage range (2)
–0.5 V to 4.6 V
VI
Input voltage range (3)
–0.5 V to VCC + 0.5 V
VO
Output voltage range (3)
–0.5 V to VCC + 0.5 V
Output current for LVPECL/LVCMOS outputs
IOUT
±50 mA
(0 < VO < VCC)
IIN
Input current (VI < 0, VI > VCC)
±20 mA
Tstg
Storage temperature range
–65°C to 150°C
TJ
Maximum junction temperature
125°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All supply voltages have to be supplied at the same time.
(3)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
Package Thermal Resistance for RGZ (QFN) Package
(1) (2)
Airflow (lfm)
θJA (°C/W)
θJC (°C/W)
θJP (°C/W)
(3)
ψJT (°C/W)
0
29.9
22.4
1.5
0.2
150
24.7
0.2
250
23.2
0.2
500
21.5
0.3
(1)
The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
(2)
Connected to GND with nine thermal vias (0,3 mm diameter).
(3)
θJP (junction pad) is used for the QFN package, because the main heat flow is from the junction to the GND pad of the QFN.
Package Thermal Resistance for ZVA (BGA) Package
(1)
Airflow (m/s)
θJA (°C/W)
θJC (°C/W)
θJB (°C/W)
(2)
ψJT (°C/W)
0 m/s
53.9
28.3
38.6
0.7
1 m/s
49.8
0.7
2 m/s
48.5
0.8
(1)
The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
(2)
θJB (junction board) is used for the BGA package, because the main heat flow is from junction to the board.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VCC, AVCC
3
3.3
3.6
Supply voltage
V
VCC_CP
2.3
VCC
VIL
Low-level input voltage LVCMOS, see (1)
0.3 VCC
V
VIH
High-level input voltage LVCMOS, see (1)
0.7 VCC
V
IOH
High-level output current LVCMOS (includes all status pins)
–8
mA
IOL
Low-level output current LVCMOS (includes all status pins)
8
mA
VI
Input voltage range LVCMOS
0
3.6
V
VINPP
Input amplitude LVPECL (VVCXO_IN – V VCXO_IN )
(2)
0.5
1.3
V
VIC
Common-mode input voltage LVPECL
1
VCC–0.3
V
TA
Operating free-air temperature
–40
85
°C
(1)
VIL and VIH are required to maintain ac specifications; the actual device function tolerates a smaller input level of 1V, if an ac-coupling to
VCC/2 is provided.
(2)
VINPP minimum and maximum is required to maintain ac specifications; the actual device function tolerates at a minimum VINPP
of 150 mV.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links :CDCM7005


Podobny numer części - CDCM7005RGZTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCM7005RGZTG4 TI1-CDCM7005RGZTG4 Datasheet
3Mb / 52P
[Old version datasheet]   3.3-V High Performance Clock Synchronizer and Jitter Cleaner
More results

Podobny opis - CDCM7005RGZTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI1-CDCM7005_15 Datasheet
3Mb / 52P
[Old version datasheet]   3.3-V High Performance Clock Synchronizer and Jitter Cleaner
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
[Old version datasheet]   3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDCM7005-SP TI1-CDCM7005-SP_16 Datasheet
1Mb / 49P
[Old version datasheet]   CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com