Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCM7005ZVA Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCM7005ZVA
Szczegółowy opis  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005ZVA Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button CDCM7005ZVA Datasheet HTML 7Page - Texas Instruments CDCM7005ZVA Datasheet HTML 8Page - Texas Instruments CDCM7005ZVA Datasheet HTML 9Page - Texas Instruments CDCM7005ZVA Datasheet HTML 10Page - Texas Instruments CDCM7005ZVA Datasheet HTML 11Page - Texas Instruments CDCM7005ZVA Datasheet HTML 12Page - Texas Instruments CDCM7005ZVA Datasheet HTML 13Page - Texas Instruments CDCM7005ZVA Datasheet HTML 14Page - Texas Instruments CDCM7005ZVA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
0
50
100
150
200
250
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Output Frequency − MHz
0
100
200
300
400
500
600
700
800
900
for 1 output
for 1 output pair
no output active
one output active div−by−1
one output pair active div−by−1
all outputs active div−by−1
all outputs active div−by−3
for div−by−3/6
VCC = 3.3 V
TA = 255C
Load = 10 pF
D
D
D
0
50
100
150
200
50
100
150
200
250
300
Output Frequency − MHz
0
100
200
300
400
500
600
700
800
Vcc = 3.3V
load = 5 pF
for 1 output
for 1 output pair
no output active
one output active div−by−1
one output pair active div−by−1
all outputs active div−by−1
all outputs active div−by−3
for div−by−3/6
TA = 255C
D
D
D
CDCM7005
www.ti.com
SCAS793E – JUNE 2005 – REVISED FEBRUARY 2013
TYPICAL CHARACTERISTICS (continued)
LVCMOS SUPPLY CURRENT / DEVICE POWER CONSUMPTION
vs
NUMBER OF ACTIVE OUTPUTS (Load = 5 pF)
B. It is not recommended to exceed power dissipation of 700 mW for the BGA package at TA 85°C.
Figure 3.
LVCMOS SUPPLY CURRENT / DEVICE POWER CONSUMPTION
vs
NUMBER OF ACTIVE OUTPUTS (Load = 10 pF)
B. It is not recommended to exceed power dissipation of 700 mW for the BGA package at TA 85°C.
Figure 4.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :CDCM7005


Podobny numer części - CDCM7005ZVA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCM7005ZVA TI-CDCM7005ZVA Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005ZVA TI1-CDCM7005ZVA Datasheet
3Mb / 52P
[Old version datasheet]   3.3-V High Performance Clock Synchronizer and Jitter Cleaner
CDCM7005ZVAR TI-CDCM7005ZVAR Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005ZVAR TI1-CDCM7005ZVAR Datasheet
3Mb / 52P
[Old version datasheet]   3.3-V High Performance Clock Synchronizer and Jitter Cleaner
CDCM7005ZVAT TI-CDCM7005ZVAT Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
More results

Podobny opis - CDCM7005ZVA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI1-CDCM7005_15 Datasheet
3Mb / 52P
[Old version datasheet]   3.3-V High Performance Clock Synchronizer and Jitter Cleaner
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
[Old version datasheet]   3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDCM7005-SP TI1-CDCM7005-SP_16 Datasheet
1Mb / 49P
[Old version datasheet]   CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com