Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC161S055 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części DAC161S055
Szczegółowy opis  DAC161S055 Precision 16-Bit, Buffered Voltage-Output DAC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DAC161S055 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button DAC161S055_13 Datasheet HTML 4Page - Texas Instruments DAC161S055_13 Datasheet HTML 5Page - Texas Instruments DAC161S055_13 Datasheet HTML 6Page - Texas Instruments DAC161S055_13 Datasheet HTML 7Page - Texas Instruments DAC161S055_13 Datasheet HTML 8Page - Texas Instruments DAC161S055_13 Datasheet HTML 9Page - Texas Instruments DAC161S055_13 Datasheet HTML 10Page - Texas Instruments DAC161S055_13 Datasheet HTML 11Page - Texas Instruments DAC161S055_13 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
OUTPUT
VOLTAGE
DIGITAL INPUT CODE
0
0
65535
ZE
FSE
GE = FSE - ZE
FSE = GE + ZE
65535 x VA
65536
50%
50%
50%
tCLR
tCLRS
CSB
CLRB
SCLK
50%
tDH
tDS
SDI
CSB 50%
50%
SDO
tSDOZ
tZSDO
SCLK
50%
tDO
SDO
CSB
SCLK
50%
50%
tCSS
50%
50%
tCSH
50%
50%
50%
tLDAC
tLDACS
CSB
LDACB
DAC161S055
SNAS503B – NOVEMBER 2010 – REVISED JANUARY 2012
www.ti.com
Figure 2. Timing Parameter Specifics
TRANSFER CHARACTERISTICS
Figure 3. Input/Output Transfer Characteristic
8
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: DAC161S055


Podobny numer części - DAC161S055_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC161S055CISQ TI1-DAC161S055CISQ Datasheet
486Kb / 23P
[Old version datasheet]   Precision 16-Bit, Buffered Voltage-Output DAC
DAC161S055CISQE TI1-DAC161S055CISQE Datasheet
486Kb / 23P
[Old version datasheet]   Precision 16-Bit, Buffered Voltage-Output DAC
DAC161S055CISQX TI1-DAC161S055CISQX Datasheet
486Kb / 23P
[Old version datasheet]   Precision 16-Bit, Buffered Voltage-Output DAC
More results

Podobny opis - DAC161S055_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC161S055 TI1-DAC161S055 Datasheet
486Kb / 23P
[Old version datasheet]   Precision 16-Bit, Buffered Voltage-Output DAC
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
logo
API Technologies Corp
DAC9377 APITECH-DAC9377 Datasheet
2Mb / 3P
   Complete Buffered 16-Bit DAC
logo
Analog Devices
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Analog Devices
AD7846 AD-AD7846_15 Datasheet
451Kb / 24P
   LC MOS 16-Bit Voltage Output DAC
Rev. G
logo
Panasonic Semiconductor
AN8150FB PANASONIC-AN8150FB Datasheet
1Mb / 19P
   Octal, high precision 13-bit voltage output DAC
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com