Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC7545JU Arkusz danych(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części DAC7545JU
Szczegółowy opis  CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7545JU Arkusz danych(HTML) 6 Page - Burr-Brown (TI)

Back Button DAC7545JU Datasheet HTML 2Page - Burr-Brown (TI) DAC7545JU Datasheet HTML 3Page - Burr-Brown (TI) DAC7545JU Datasheet HTML 4Page - Burr-Brown (TI) DAC7545JU Datasheet HTML 5Page - Burr-Brown (TI) DAC7545JU Datasheet HTML 6Page - Burr-Brown (TI) DAC7545JU Datasheet HTML 7Page - Burr-Brown (TI) DAC7545JU Datasheet HTML 8Page - Burr-Brown (TI) DAC7545JU Datasheet HTML 9Page - Burr-Brown (TI) DAC7545JU Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DAC7545
6
SBAS150A
www.ti.com
FIGURE 5. 8-Bit Processor Interface.
DAC7545
CS
DB
0
DB
7
WR
DB
8
DB
11
Latch
CS
WR
44
8
Q
1
(2)
8-Bit Data Bus
Q
0
(1)
Address Bus
Address
Decode
CPU
WR
DB
7
DB
0
A
15
A
0
NOTES: (1) Q
0 = decoded address for DAC.
(2) Q
1 = decoded address for latch.
FIGURE 4. Digitally Controlled Gain Block.
R
FB
DAC7545
AGND
DGND
OUT 1
DB
0-DB11
V
IN
WR
V
OUT
CS
16
+5V
NOTE: There must be
at least 1LSB loaded in
the DAC or the amp will
saturate due to the lack
of feedback.
OPA111
17
18
19
V
OUT =
–V
IN
DB
11
+
2
DB
10
+
4
DB
9
+ ••• +
8
DB
0
4096
20
DIGITALLY-CONTROLLED GAIN BLOCK
Figure 4 shows a circuit for a digitally-controlled gain block.
The feedback for the op amp is made up of the FET switch
and the R-2R ladder. The input resistor to the gain block is
the RFB of the DAC7545. As the FET switch is in the
feedback loop, a zero code into the DAC will result in the op
amp having no feedback, and a saturated op amp output.
APPLICATION HINTS
CMOS DACs, such as the DAC7545, exhibit a code-depen-
dent out resistance. The effect of this is a code-dependent
differential nonlinearity at the amplifier output that depends on
the offset voltage, VOS, of the amplifier. Thus linearity depends
upon the potential of OUT 1 and AGND being exactly equal to
each other. Usually the DAC is connected to an external op
amp with the noninverting input connected to AGND. The op
amp selected should have a low input bias current and low VOS
and VOS drift over temperature. The op amp offset voltage
should be less than (25 • 10–6)(VREF) over operating conditions.
Suitable op amps are the OPA37 and the OPA627 for fixed
reference applications and low-bandwidth requirement; the
OPA37 has low VOS and does not require an offset trim. For
wide bandwidth, high slew rate, or fast-settling applications, the
OPA604 or 1/2 OPA2604 are recommended.
Unused digital inputs must be connected to VDD or to DGND,
this prevents noise from triggering the high impedance digital
input. It is suggested that the unused digital inputs also be
given a path to ground or VDD through a 1mW resistor to
prevent the accumulation of static charge if the PC card is
unplugged from the system. In addition, in systems where
the AGND to DGND connection is on a backplane, it is
recommended that two diodes be connected in inverse
parallel between AGND and DGND.
INTERFACING
TO MICROPROCESSORS
The DAC7545 can be directly interfaced to either an 8- or 16-
bit microprocessor through its 12-bit wide data latch using
the CS and WR controls.
An 8-bit processor interface is shown in Figure 5. It uses two
memory addresses: one for the lower 8 bits and one for the
upper 4 bits of data into the DAC via the latch.


Podobny numer części - DAC7545JU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC7545JU TI1-DAC7545JU Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545JU TI1-DAC7545JU Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results

Podobny opis - DAC7545JU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP1230A EXAR-MP1230A Datasheet
114Kb / 12P
   CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com