Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM117K Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części LM117K
Szczegółowy opis  LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM117K Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM117K Datasheet HTML 7Page - Texas Instruments LM117K Datasheet HTML 8Page - Texas Instruments LM117K Datasheet HTML 9Page - Texas Instruments LM117K Datasheet HTML 10Page - Texas Instruments LM117K Datasheet HTML 11Page - Texas Instruments LM117K Datasheet HTML 12Page - Texas Instruments LM117K Datasheet HTML 13Page - Texas Instruments LM117K Datasheet HTML 14Page - Texas Instruments LM117K Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LM117, LM317-N
www.ti.com
SNVS774L – MAY 2004 – REVISED FEBRUARY 2011
D1 protects against C1
D2 protects against C2
Figure 27. Regulator with Protection Diodes
Heatsink Requirements
The LM317-N regulators have internal thermal shutdown to protect the device from over-heating. Under all
operating conditions, the junction temperature of the LM317-N should not exceed the rated maximum junction
temperature (TJ) of 150°C for the LM117, or 125°C for the LM317A and LM317-N. A heatsink may be required
depending on the maximum device power dissipation and the maximum ambient temperature of the application.
To determine if a heatsink is needed, the power dissipated by the regulator, PD, must be calculated:
PD = ((VIN − VOUT) × IL) + (VIN × IG)
(2)
Figure 28 shows the voltage and currents which are present in the circuit.
The next parameter which must be calculated is the maximum allowable temperature rise, TR(MAX):
TR(MAX) = TJ(MAX) − TA(MAX)
(3)
where TJ(MAX) is the maximum allowable junction temperature (150°C for the LM117, or 125°C for the
LM317A/LM317-N), and TA(MAX) is the maximum ambient temperature which will be encountered in the
application.
Using the calculated values for TR(MAX) and PD, the maximum allowable value for the junction-to-ambient thermal
resistance (
θJA) can be calculated:
θJA = (TR(MAX) / PD)
(4)
Figure 28. Power Dissipation Diagram
If the calculated maximum allowable thermal resistance is higher than the actual package rating, then no
additional work is needed. If the calculated maximum allowable thermal resistance is lower than the actual
package rating either the power dissipation (PD) needs to be reduced, the maximum ambient temperature TA(MAX)
needs to be reduced, the thermal resistance (
θJA) must be lowered by adding a heatsink, or some combination of
these.
If a heatsink is needed, the value can be calculated from the formula:
θHA ≤ (θJA - (θCH + θJC))
(5)
Copyright © 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM117 LM317-N


Podobny numer części - LM117K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM117K NSC-LM117K Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
STMicroelectronics
LM117K STMICROELECTRONICS-LM117K Datasheet
99Kb / 11P
   1.2V TO 37V VOLTAGE REGULATOR
LM117K STMICROELECTRONICS-LM117K Datasheet
1,023Kb / 25P
   1.2 V to 37 V adjustable voltage regulators
logo
Seme LAB
LM117K SEME-LAB-LM117K Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LM117K STMICROELECTRONICS-LM117K Datasheet
1Mb / 25P
   1.2 V to 37 V adjustable voltage regulators
More results

Podobny opis - LM117K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM117 TI-LM117_15 Datasheet
3Mb / 41P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM117H TI1-LM117H Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317AEMP TI1-LM317AEMP Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317 TI-LM317_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM317 3-Terminal Adjustable Regulator
LM117 TI-LM117_V01 Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
logo
First Components Intern...
LM317E FCI-LM317E Datasheet
538Kb / 9P
   LM317-3 Terminal Adjustable Output Positive Voltage Regulators
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com