Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM6010 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADUM6010
Szczegółowy opis  The ADuM60101 is an integrated, isolated dc-to-dc converter.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM6010 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADUM6010 Datasheet HTML 7Page - Analog Devices ADUM6010 Datasheet HTML 8Page - Analog Devices ADUM6010 Datasheet HTML 9Page - Analog Devices ADUM6010 Datasheet HTML 10Page - Analog Devices ADUM6010 Datasheet HTML 11Page - Analog Devices ADUM6010 Datasheet HTML 12Page - Analog Devices ADUM6010 Datasheet HTML 13Page - Analog Devices ADUM6010 Datasheet HTML 14Page - Analog Devices ADUM6010 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADuM6010
Rev. A | Page 11 of 16
(1ms/DIV)
10% LOAD
90% LOAD
Figure 10. Typical Transient Load Response, 5 V Input, 3.3 V Output,
10% to 90% Load Step
TIME (µs)
4.970
4.965
4.960
4.955
4.950
4.945
4.940
1
0
234
Figure 11. Typical VISO = 5 V Output Voltage Ripple at 90% Load
TIME (µs)
3.280
3.278
3.276
3.274
3.272
3.270
1
02
3
4
Figure 12. Typical VISO = 3.3 V Output Voltage Ripple at 90% Load
2.0
2.5
3.0
3.5
4.0
4.5
5.0
3.03.5
4.04.55.05.56.0
OUTPUT VOLTAGE (V)
30mA LOAD
20mA LOAD
10mA LOAD
Figure 13. Relationship Between Output Voltage and Required Input Voltage,
Under Load, to Maintain >80% Duty Factor in the PWM
500
450
400
350
300
250
200
150
100
–20
0
20
40
AMBIENT TEMPERATURE (°C)
60
80
100
120
–40
VDDP = 5V/VISO = 5V
VDDP = 5V/VISO = 3.3V
Figure 14. Power Dissipation with a 30 mA Load vs. Temperature
500
450
400
350
300
250
200
150
100
–20
0
20
40
AMBIENT TEMPERATURE (°C)
60
80
100
120
–40
VDDP = 5V/VISO = 3.3V
VDDP = 3.3V/VISO = 3.3V
VDDP = 5V/VISO = 5V
Figure 15. Power Dissipation with a 20 mA Load vs. Temperature


Podobny numer części - ADUM6010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM6010 AD-ADUM6010 Datasheet
290Kb / 8P
   iCoupler EVAL-ADuM5010EBZ, 150 mW isoPower Evaluation Board
REV. 0
ADUM6010 AD-ADUM6010 Datasheet
434Kb / 16P
   Integrated DC-to-DC Converter
Rev. B
ADUM6010ARSZ AD-ADUM6010ARSZ Datasheet
434Kb / 16P
   Integrated DC-to-DC Converter
Rev. B
ADUM6010ARSZ-RL7 AD-ADUM6010ARSZ-RL7 Datasheet
434Kb / 16P
   Integrated DC-to-DC Converter
Rev. B
ADUM6010 AD-ADUM6010_V01 Datasheet
434Kb / 16P
   Integrated DC-to-DC Converter
Rev. B
More results

Podobny opis - ADUM6010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM5010 AD-ADUM5010 Datasheet
476Kb / 16P
   The ADuM50101 is an integrated, isolated dc-to-dc converter.
REV. A
logo
Powerex Power Semicondu...
M57140-01 POWEREX-M57140-01 Datasheet
80Kb / 4P
   Isolated DC-to-DC Converter
logo
Analog Devices
ADUM5000 AD-ADUM5000_08 Datasheet
415Kb / 16P
   Isolated DC-to-DC Converter
REV. 0
logo
International Rectifier
IRDC3837 IRF-IRDC3837 Datasheet
1Mb / 16P
   The IR3837 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC regulator.
logo
Analog Devices
ADUM6010 AD-ADUM6010_V01 Datasheet
434Kb / 16P
   Integrated DC-to-DC Converter
Rev. B
logo
Vicor Corporation
DCM3714XD2H31E0YZZ VICOR-DCM3714XD2H31E0YZZ Datasheet
1Mb / 23P
   Isolated, regulated DC-to-DC converter
logo
International Rectifier
IRDC3863 IRF-IRDC3863 Datasheet
1,006Kb / 15P
   The IR3863 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator
IRDC3865 IRF-IRDC3865 Datasheet
986Kb / 15P
   The IR3865 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3871 IRF-IRDC3871 Datasheet
1Mb / 15P
   The IR3871 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3876 IRF-IRDC3876 Datasheet
1Mb / 15P
   The IR3876 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com