Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM185-1.2-N Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części LM185-1.2-N
Szczegółowy opis  LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM185-1.2-N Arkusz danych(HTML) 3 Page - Texas Instruments

  LM185-1.2-N_13 Datasheet HTML 1Page - Texas Instruments LM185-1.2-N_13 Datasheet HTML 2Page - Texas Instruments LM185-1.2-N_13 Datasheet HTML 3Page - Texas Instruments LM185-1.2-N_13 Datasheet HTML 4Page - Texas Instruments LM185-1.2-N_13 Datasheet HTML 5Page - Texas Instruments LM185-1.2-N_13 Datasheet HTML 6Page - Texas Instruments LM185-1.2-N_13 Datasheet HTML 7Page - Texas Instruments LM185-1.2-N_13 Datasheet HTML 8Page - Texas Instruments LM185-1.2-N_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM185-1.2-N, LM285-1.2-N, LM385-1.2-N
www.ti.com
SNVS742E – JANUARY 2000 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
(1)
LM185-1.2-N
LM185BX-1.2-N
LM385B-1.2-N
LM185BY-1.2-N
LM385BX-1.2-N
LM385-1.2-N
LM285-1.2-N
LM385BY-1.2-N
Units
Parameter
Conditions
Typ
LM285BX-1.2-N
(Limit)
LM285BY-1.2-N
Tested
Design
Tested
Design
Tested
Design
Limit (2)
Limit (4)
Limit (2)
Limit (4)
Limit (2)
Limit (4)
(3)
Reverse Breakdown
TA = 25°C,
1.23
1.223
1.223
1.205
V(Min)
5
Voltage
10
μA ≤ IR ≤ 20mA
1.247
1.247
1.260
V(Max)
Minimum Operating
8
10
20
15
20
15
20
μA
Current
LM385M3-1.2-N
10
15
(Max)
Reverse Breakdown
10
μA ≤ IR ≤ 1mA
1
1.5
1
1.5
1
1.5
mV
Voltage Change with
(Max)
Current
1mA
≤ IR ≤ 20mA
10
20
20
25
20
25
mV
(Max)
Reverse Dynamic
IR = 100μA, f = 20Hz
1
Ω
Impedance
Wideband Noise
IR = 100μA,
60
μV
(rms)
10Hz
≤ f ≤ 10kHz
Long Term Stability
IR = 100μA, T = 1000 Hr,
20
ppm
TA = 25°C ±0.1°C
Average Temperature
IR = 100μA
Coefficient (5)
X Suffix
30
30
ppm/°C
Y Suffix
50
50
ppm/°C
All Others
150
150
150
ppm/°C
(Max)
(1)
Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C.
(2)
Production tested.
(3)
A military RETS electrical specification is available on request.
(4)
Specified by design. Not production tested. These limits are not used to calculate average outgoing quality levels.
(5)
The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between
the operating TMAX and TMIN, divided by TMAX − TMIN. The measured temperatures are −55°C, −40°C, 0°C, 25°C, 70°C, 85°C, 125°C.
THERMAL CHARACTERISTICS
Thermal Resistance
TO-92
TO
SOIC
SOT-23
180°C/W (0.4
″ leads)
θJA (junction to ambient)
440°C/W
165°C/W
283°C/W
170°C/W (0.125
″ leads)
θJC (junction to case)
N/A
80°C/W
N/A
N/A
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM185-1.2-N LM285-1.2-N LM385-1.2-N


Podobny numer części - LM185-1.2-N_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-1.2-N TI-LM185-1.2-N Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
More results

Podobny opis - LM185-1.2-N_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285BYMX-25 TI1-LM285BYMX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285M-25 TI1-LM285M-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385Z-2.5 TI-LM385Z-2.5 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N_13 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com