Zakładka z wyszukiwarką danych komponentów |
|
LM2901D Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
LM2901D Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 33 page 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1OUT 2OUT VCC 2IN- 2IN+ 1IN- 1IN+ OUT3 OUT4 GND 4IN+ 4IN- 3IN+ 3IN- LM139, LM139A . . . D, J, OR W PACKAGE LM239 . . . D, N, OR PW PACKAGE LM239A . . . D PACKAGE LM339, LM339A . . . D, DB, N, NS, OR PW PACKAGE LM2901 . . . D, N, NS, OR PW PACKAGE (TOP VIEW) 3 2 1 20 19 9 10 11 12 13 4 5 6 7 8 18 17 16 15 14 GND NC 4IN+ NC 4IN- VCC NC 2IN- NC 2IN+ LM139, LM139A . . . FK PACKAGE (TOP VIEW) NC - No inter nal connection LM139, LM239, LM339 LM139A, LM239A, LM339A LM2901, LM2901AV, LM2901V www.ti.com SLCS006S – OCTOBER 1979 – REVISED AUGUST 2012 QUAD DIFFERENTIAL COMPARATORS Check for Samples: LM139, LM239, LM339, LM139A, LM239A, LM339A, LM2901, LM2901AV, LM2901V 1 FEATURES • Wide Supply Ranges • Low Input Bias Current: 25 nA (Typ) – Single Supply: 2 V to 36 V • Low Input Offset Current: 3 nA (Typ) (LM139) (Tested to 30 V for Non-V Devices and 32 V • Low Input Offset Voltage: 2 mV (Typ) for V-Suffix Devices) • Common-Mode Input Voltage Range Includes – Dual Supplies: ±1 V to ±18 V Ground (Tested to ±15 V for Non-V Devices and • Differential Input Voltage Range Equal to ±16 V for V-Suffix Devices) Maximum-Rated Supply Voltage: ±36 V • Low Supply-Current Drain Independent of • Low Output Saturation Voltage Supply Voltage: 0.8 mA (Typ) • Output Compatible With TTL, MOS, and CMOS DESCRIPTION/ORDERING INFORMATION These devices consist of four independent voltage comparators that are designed to operate from a single power supply over a wide range of voltages. Operation from dual supplies also is possible, as long as the difference between the two supplies is 2 V to 36 V, and VCC is at least 1.5 V more positive than the input common-mode voltage. Current drain is independent of the supply voltage. The outputs can be connected to other open- collector outputs to achieve wired-AND relationships. The LM139 and LM139A are characterized for operation over the full military temperature range of –55°C to 125°C. The LM239 and LM239A are characterized for operation from –25°C to 125°C. The LM339 and LM339A are characterized for operation from 0°C to 70°C. The LM2901, LM2901AV, and LM2901V are characterized for operation from –40°C to 125°C. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 1979–2012, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas On products compliant to MIL-PRF-38535, all parameters are Instruments standard warranty. Production processing does not tested unless otherwise noted. On all other products, production necessarily include testing of all parameters. processing does not necessarily include testing of all parameters. |
Podobny numer części - LM2901D |
|
Podobny opis - LM2901D |