Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25116 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części LM25116
Szczegółowy opis  Wide Range Synchronous Buck Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM25116 Arkusz danych(HTML) 5 Page - Texas Instruments

  LM25116 Datasheet HTML 1Page - Texas Instruments LM25116 Datasheet HTML 2Page - Texas Instruments LM25116 Datasheet HTML 3Page - Texas Instruments LM25116 Datasheet HTML 4Page - Texas Instruments LM25116 Datasheet HTML 5Page - Texas Instruments LM25116 Datasheet HTML 6Page - Texas Instruments LM25116 Datasheet HTML 7Page - Texas Instruments LM25116 Datasheet HTML 8Page - Texas Instruments LM25116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LM25116
www.ti.com
SNVS509D – APRIL 2007 – REVISED FEBRUARY 2013
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature range of -40°C to
+125°C and are provided for reference only. Unless otherwise specified, the following conditions apply: VIN = 24V, VCC =
7.4V, VCCX = 0V, EN = 5V, RT = 16 kΩ, no load on LO and HO.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCCX Switch RDS(ON)
ICCX = 10 mA
3.8
6.2
VCCX Leakage
VCCX = 0V
-200
nA
VCCX Pull- down Resistance
VCCX = 3V
100
k
VCC Under-voltage Threshold
VCC Rising
4.3
4.5
4.7
V
VCC Under-voltage Hysteresis
0.2
V
HB DC Bias Current
HB - SW = 15V
125
200
µA
EN Input
VIL max
EN Input Low Threshold
0.5
V
VIH min
EN Input High Threshold
3.3
V
EN Input Bias Current
VEN = 3V
-7.5
-3
1
µA
EN Input Bias Current
VEN = 0.5V
-1
0
1
µA
EN Input Bias Current
VEN = 42V
15
µA
UVLO Thresholds
UVLO Standby Threshold
UVLO Rising
1.170
1.215
1.262
V
UVLO Threshold Hysteresis
0.1
V
UVLO Pull-up Current Source
UVLO = 0V
5.4
µA
UVLO Pull-down RDS(ON)
80
210
Soft Start
SS Current Source
SS = 0V
8
11
14
µA
SS Diode Emulation Ramp Disable
SS Rising
3
V
Threshold
SS to FB Offset
FB = 1.25V
160
mV
SS Output Low Voltage
Sinking 100 µA, UVLO = 0V
45
mV
Error Amplifier
VREF
FB Reference Voltage
Measured at FB pin, FB = COMP
1.195
1.215
1.231
V
FB Input Bias Current
FB = 2V
15
500
nA
COMP Sink/Source Current
3
mA
AOL
DC Gain
80
dB
fBW
Unity Gain Bandwidth
3
MHz
PWM Comparators
tHO(OFF)
Forced HO Off-time
320
450
580
ns
tON(min)
Minimum HO On-time
VIN = 42V, CRAMP = 50 pF
100
ns
Oscillator
fSW1
Frequency 1
RT = 16 k
180
200
220
kHz
fSW2
Frequency 2
RT = 5 k
480
535
590
kHz
RT output voltage
1.191
1.215
1.239
V
RT sync positive threshold
3.0
3.5
4.0
V
Current Limit
VCS(TH)
Cycle-by-cycle Sense Voltage
VCCX = 0V, RAMP = 0V
94
110
126
mV
Threshold (CSG - CS)
VCS(THX)
Cycle-by-cycle Sense Voltage
VCCX = 5V, RAMP = 0V
105
122
139
mV
Threshold (CSG - CS)
CS Bias Current
CS = 42V
-1
1
µA
CS Bias Current
CS = 0V
90
125
µA
CSG Bias Current
CSG = 0V
90
125
µA
Current Limit Fault Timer
RT = 16 kΩ, (200 kHz), (256 clock cycles)
1.28
ms
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25116


Podobny numer części - LM25116

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116 TI1-LM25116 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
National Semiconductor ...
LM25116MH NSC-LM25116MH Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
LM25116MHX NSC-LM25116MHX Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116 TI1-LM25116_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
More results

Podobny opis - LM25116

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
LM25116 TI1-LM25116_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1483C HMSEMI-HM1483C Datasheet
607Kb / 9P
   Wide Range Synchronous Buck Controller
logo
Lowpower Semiconductor ...
LP6496 POWER-LP6496 Datasheet
424Kb / 6P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM5116-HT TI1-LM5116-HT Datasheet
636Kb / 34P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
logo
SHOUDING Shouding Semic...
SDA2717E SHOUDING-SDA2717E Datasheet
801Kb / 10P
   Wide Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1483B HMSEMI-HM1483B Datasheet
772Kb / 9P
   Wide Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com