Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10198L Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC10198L
Szczegółowy opis  Monostable Multivibrator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10198L Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC10198L Datasheet HTML 1Page - ON Semiconductor MC10198L Datasheet HTML 2Page - ON Semiconductor MC10198L Datasheet HTML 3Page - ON Semiconductor MC10198L Datasheet HTML 4Page - ON Semiconductor MC10198L Datasheet HTML 5Page - ON Semiconductor MC10198L Datasheet HTML 6Page - ON Semiconductor MC10198L Datasheet HTML 7Page - ON Semiconductor MC10198L Datasheet HTML 8Page - ON Semiconductor MC10198L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC10198
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(V
)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
6, 8
1, 4, 16
Input Current
IinH
5, 10
13
15
5,10
13
15
6, 8
6, 8
6, 8
1, 4, 16
1, 4, 16
1, 4, 16
IinL
5
5
6, 8
1, 4, 16
Output Voltage
Logic 1
VOH
2
3
13 (4.)
13
6, 8
6, 8
1, 4, 16
1, 4, 16
Output Voltage
Logic 0
VOL
2
3
13 (4.)
13
6, 8
6, 8
1, 4, 16
1, 4, 16
Threshold Voltage
Logic 1
VOHA
2
3
15
15
6, 8
6, 8
1, 16, 4
1, 16, 4
Threshold Voltage
Logic 0
VOLA
2
3
15
15
6, 8
6, 8
1, 16, 4
1, 16, 4
Switching Times
(50
Ω Load)
+1.11V
Pulse In
Pulse Out
–3.2 V
+2.0 V
Trigger Input
tT+Q+
tT–Q+
3
3
10
5
13
13
3
3
6, 8
6, 8
1, 16, 4
1, 16, 4
High Speed Trigger Input
tHS+Q+
3
15
3
6, 8
1, 16, 4
Minimum Timing Pulse Width
PWQmin
3
Note 2.
6, 8
1, 16, 4
Maximum Timing Pulse Width
PWQmax
3
Note 3.
6, 8
1, 16, 4
Minimum Trigger Pulse Width
PWT
3
13
3
6, 8
1, 16, 4
Minimum Hi–Spd Trigger Pulse
Width
PWHS
3
15
3
6, 8
1, 16, 4
Rise Time
(20 to 80%)
3
6, 8
1, 16, 4
Fall Time
(20 to 80%)
3
6, 8
1, 16, 4
Enable Setup Time
tsetup (E)
3
5
3
6, 8
1, 16, 4
Enable Hold Time
thold (E)
3
5
3
6, 8
1, 16, 4
1. The monostable is in the timing mode at the time of this test.
2. CEXT = 0 (Pin 4 Open); REXT = 0 (Pin 6 tied to VEE).
3. CEXT = 10µF (Pin); REXT = 2.7k (Pin 6).
4.
VIHmax
VILmin
P1
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Podobny numer części - MC10198L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10198 ONSEMI-MC10198 Datasheet
151Kb / 10P
   Monostable Multivibrator
1996 REV 5
More results

Podobny opis - MC10198L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WH123FU TOSHIBA-TC7WH123FU Datasheet
382Kb / 10P
   MONOSTABLE MULTIVIBRATOR
TC7WH123FK TOSHIBA-TC7WH123FK Datasheet
426Kb / 11P
   MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC10198 ONSEMI-MC10198 Datasheet
151Kb / 10P
   Monostable Multivibrator
1996 REV 5
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4047B PHILIPS-HEF4047B Datasheet
279Kb / 15P
   Monostable/astable multivibrator
January 1995
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com