Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC3717AQTRG3 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części UC3717AQTRG3
Szczegółowy opis  Stepper Motor Drive Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC3717AQTRG3 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button UC3717AQTRG3 Datasheet HTML 3Page - Texas Instruments UC3717AQTRG3 Datasheet HTML 4Page - Texas Instruments UC3717AQTRG3 Datasheet HTML 5Page - Texas Instruments UC3717AQTRG3 Datasheet HTML 6Page - Texas Instruments UC3717AQTRG3 Datasheet HTML 7Page - Texas Instruments UC3717AQTRG3 Datasheet HTML 8Page - Texas Instruments UC3717AQTRG3 Datasheet HTML 9Page - Texas Instruments UC3717AQTRG3 Datasheet HTML 10Page - Texas Instruments UC3717AQTRG3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
UC3717A
The
θJA of the UC3717AN plastic package can be re-
duced by soldering the GND pins to a suitable copper
area of the printed circuit board or to an external heat
sink. Due to different lead frame design,
θJA of the ce-
ramic J package cannot be similarly reduced.
The diagram of Figure 11 shows the maximum package
power PTOT and the
θJA as a function of the side " l " of
two equal square copper areas having a thickness of 35
µ
(see Figure 10).
During soldering the pins’ temperature must not exceed
260°C and the soldering time must not be longer than 12
seconds.
The printed circuit copper area must be connected to
electrical ground.
APPLICATIONS
A typical chopper drive for a two phase bipolar perma-
nent magnet or hybrid stepping motor is shown in Figure
12. The input can be controlled by a microprocessor,
TTL, LS, or CMOS logic.
The timing diagram in Figure 13 shows the required sig-
nal input for a two phase, full step stepping sequence.
Figure 14 shows the required input signal for a one
phase-two phase stepping sequence called half-step-
ping.
The circuit of Figure 15 provides the signal shown in Fig-
ure 13, and in conjunction with the circuit shown in Fig-
ure 12 will implement a pulse-to-step two phase, full
step, bi-directional motor drive.
The schematic of Figure 16 shows a pulse to half step
circuit generating the signal shown in Figure 14. Care
has been taken to change the phase signal the same
time the current inhibit is applied. This will allow the cur-
rent to decay faster and therefore enhance the motor
performance at high step rates.
Figure 10. Example of P.C. Board Copper
Area which is used as Heatsink.
MOUNTING INSTRUCTIONS
Figure 12. Typical Chopper Drive for a Two
Phase Permanent Magnet Motor.
Figure 11. Maximum Package Power and Junction
to Ambient Thermal Resistance vs Side "l".
7


Podobny numer części - UC3717AQTRG3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC3717AQTRG3 TI1-UC3717AQTRG3 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
More results

Podobny opis - UC3717AQTRG3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI1-UC1517_12 Datasheet
540Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC3717A TI1-UC3717A_9 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI-UC1517 Datasheet
402Kb / 8P
[Old version datasheet]   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com