Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM8S28 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części SM8S28
Szczegółowy opis  Surface Mount PAR® Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM8S28 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  SM8S28 Datasheet HTML 1Page - Vishay Siliconix SM8S28 Datasheet HTML 2Page - Vishay Siliconix SM8S28 Datasheet HTML 3Page - Vishay Siliconix SM8S28 Datasheet HTML 4Page - Vishay Siliconix SM8S28 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
New Product
SM8S10 thru SM8S43A
www.vishay.com
Vishay General Semiconductor
Revision: 14-Sep-11
3
Document Number: 88387
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Power Derating Curve
Fig. 2 - Load Dump Power Characteristics
(10 ms Exponential Waveform)
Fig. 3 - Pulse Waveform
Fig. 4 - Reverse Power Capability
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to case
RJC
0.90
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SM8S10AHE3/2D (1)
2.605
2D
750
13" diameter plastic tape and reel,
anode towards the sprocket hole
0
2.0
4.0
6.0
8.0
0
50
100
150
200
Case Temperature (°C)
0
2000
1000
3000
4000
5000
6000
25
50
75
100
125
150
175
Case Temperature (°C)
0
50
100
150
0
10
20
30
40
t - Time (ms)
t
d
t
r = 10 μs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
T
J = 25 °C
Pulse Width (t
d) is
Defined as the Point
Where the Peak Current
Decays to 50 % of I
PPM
1000
10 000
10
100
Pulse Width (ms) - ½ IPP Exponential Waveform


Podobny numer części - SM8S28

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SM8S28 VISHAY-SM8S28 Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
Shanghai Shunye Electro...
SM8S28 SHUNYE-SM8S28 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
SM8S28 VISHAY-SM8S28 Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Shanghai Semitech Semic...
SM8S28 SEMITECH-SM8S28 Datasheet
204Kb / 4P
   Surface mount package
logo
Vishay Siliconix
SM8S28 VISHAY-SM8S28 Datasheet
97Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 20-Apr-11
More results

Podobny opis - SM8S28

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SM8A27T VISHAY-SM8A27T Datasheet
96Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 24-Mar-15
SM5S24AHE3-2D VISHAY-SM5S24AHE3-2D Datasheet
87Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 14-Sep-11
TPSMB30AHE3-5BT VISHAY-TPSMB30AHE3-5BT Datasheet
90Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 05-Oct-12
SM8S10AT VISHAY-SM8S10AT_V01 Datasheet
123Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPSMA43A VISHAY-TPSMA43A_V01 Datasheet
96Kb / 5P
   Surface-Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPSMB43A VISHAY-TPSMB43A_V01 Datasheet
99Kb / 5P
   Surface-Mount PAR® Transient Voltage Suppressors
01-Jan-2022
3KASMC13AHE3-57T VISHAY-3KASMC13AHE3-57T Datasheet
93Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 14-Dec-12
SM8S10AT VISHAY-SM8S10AT Datasheet
99Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 20-Mar-15
TPC36CA VISHAY-TPC36CA_V01 Datasheet
92Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPSMC47A VISHAY-TPSMC47A_V01 Datasheet
97Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPC51A VISHAY-TPC51A Datasheet
102Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com