Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL783CKTER Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TL783CKTER
Szczegółowy opis  HIGH-VOLTAGE ADJUSTABLE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL783CKTER Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TL783CKTER Datasheet HTML 4Page - Texas Instruments TL783CKTER Datasheet HTML 5Page - Texas Instruments TL783CKTER Datasheet HTML 6Page - Texas Instruments TL783CKTER Datasheet HTML 7Page - Texas Instruments TL783CKTER Datasheet HTML 8Page - Texas Instruments TL783CKTER Datasheet HTML 9Page - Texas Instruments TL783CKTER Datasheet HTML 10Page - Texas Instruments TL783CKTER Datasheet HTML 11Page - Texas Instruments TL783CKTER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DESIGN CONSIDERATIONS
Bypass Capacitors
Protection Circuitry
TL783
SLVS036M – SEPTEMBER 1981 – REVISED APRIL 2008 ............................................................................................................................................... www.ti.com
The internal reference (see functional block diagram) generates 1.25 V nominal (Vref) between OUT and ADJ.
This voltage is developed across R1 and causes a constant current to flow through R1 and the programming
resistor R2, giving an output voltage of:
VO = Vref (1 + R2/R1) + lI(ADJ) (R2)
or
VO ≈ Vref (1 + R2/R1)
The TL783 was designed to minimize the input current at ADJ and maintain consistency over line and load
variations, thereby minimizing the associated (R2) error term.
To maintain II(ADJ) at a low level, all quiescent operating current is returned to the output terminal. This quiescent
current must be sunk by the external load and is the minimum load current necessary to prevent the output from
rising. The recommended R1 value of 82
Ω provides a minimum load current of 15 mA. Larger values can be
used when the input-to-output differential voltage is less than 125 V (see the output-current curve in Figure 12) or
when the load sinks some portion of the minimum current.
The TL783 regulator is stable without bypass capacitors; however, any regulator becomes unstable with certain
values of output capacitance if an input capacitor is not used. Therefore, the use of input bypassing is
recommended whenever the regulator is located more than four inches from the power-supply filter capacitor. A
1-
µF tantalum or aluminum electrolytic capacitor usually is sufficient.
Adjustment-terminal capacitors are not recommended for use on the TL783 because they can seriously degrade
load transient response, as well as create a need for extra protection circuitry. Excellent ripple rejection presently
is achieved without this added capacitor.
Due to the relatively low gain of the MOS output stage, output voltage dropout may occur under large-load
transient conditions. The addition of an output bypass capacitor greatly enhances load transient response and
prevents dropout. For most applications, it is recommended that an output bypass capacitor be used, with a
minimum value of:
Co (µF) = 15/VO
Larger values provide proportionally better transient-response characteristics.
The TL783 regulator includes built-in protection circuits capable of guarding the device against most overload
conditions encountered in normal operation. These protective features are current limiting, safe-operating-area
protection, and thermal shutdown. These circuits protect the device under occasional fault conditions only.
Continuous operation in the current limit or thermal shutdown mode is not recommended.
The internal protection circuits of the TL783 protect the device up to maximum-rated VI as long as certain
precautions are taken. If Vl is switched on instantaneously, transients exceeding maximum input ratings may
occur, which can destroy the regulator. Usually, these are caused by lead inductance and bypass capacitors
causing a ringing voltage on the input. In addition, when rise times in excess of 10 V/ns are applied to the input,
a parasitic npn transistor in parallel with the DMOS output can be turned on, causing the device to fail. If the
device is operated over 50 V and the input is switched on, rather than ramped on, a low-Q capacitor, such as
tantalum or aluminum electrolytic, should be used, rather than ceramic, paper, or plastic bypass capacitors. A Q
factor of 0.015, or greater, usually provides adequate damping to suppress ringing. Normally, no problems occur
if the input voltage is allowed to ramp upward through the action of an ac line rectifier and filter network.
Similarly, when an instantaneous short circuit is applied to the output, both ringing and excessive fall times can
result. A tantalum or aluminum electrolytic bypass capacitor is recommended to eliminate this problem. However,
if a large output capacitor is used, and the input is shorted, addition of a protection diode may be necessary to
prevent capacitor discharge through the regulator. The amount of discharge current delivered is dependent on
output voltage, size of capacitor, and fall time of Vl. A protective diode (see Figure 15) is required only for
capacitance values greater than:
Co (µF) = 3 × 10
4/(V
O)
2
8
Submit Documentation Feedback
Copyright © 1981–2008, Texas Instruments Incorporated
Product Folder Link(s): TL783


Podobny numer części - TL783CKTER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL783CKC TI-TL783CKC Datasheet
205Kb / 13P
[Old version datasheet]   HIGH-VOLTAGE ADJUSTABLE REGULATOR
TL783CKC TI-TL783CKC Datasheet
342Kb / 15P
[Old version datasheet]   HIGH-VOLTAGE ADJUSTABLE REGULATOR
More results

Podobny opis - TL783CKTER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL783 TI-TL783 Datasheet
205Kb / 13P
[Old version datasheet]   HIGH-VOLTAGE ADJUSTABLE REGULATOR
TL783C TI-TL783C_07 Datasheet
342Kb / 15P
[Old version datasheet]   HIGH-VOLTAGE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
7703404YA ETC2-7703404YA Datasheet
15Kb / 3P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
logo
Texas Instruments
TL783 TI-TL783_15 Datasheet
1Mb / 27P
[Old version datasheet]   TL783 High-voltage Adjustable Regulator
logo
SHANGHAI BELLING CO., L...
BL317B BELLING-BL317B Datasheet
259Kb / 10P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
BL317BT BELLING-BL317BT Datasheet
259Kb / 10P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317EMP TGS-LM317EMP Datasheet
406Kb / 7P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317 UTC-LM317_15 Datasheet
284Kb / 5P
   ADJUSTABLE VOLTAGE REGULATOR
LM317L UTC-LM317L_15 Datasheet
215Kb / 5P
   ADJUSTABLE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SULM317 SECOS-SULM317 Datasheet
298Kb / 4P
   Adjustable Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com