Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM8S30A Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SM8S30A
Szczegółowy opis  Surface Mount PAR® Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM8S30A Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SM8S30A Datasheet HTML 1Page - Vishay Siliconix SM8S30A Datasheet HTML 2Page - Vishay Siliconix SM8S30A Datasheet HTML 3Page - Vishay Siliconix SM8S30A Datasheet HTML 4Page - Vishay Siliconix SM8S30A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
New Product
SM8S10 thru SM8S43A
www.vishay.com
Vishay General Semiconductor
Revision: 14-Sep-11
1
Document Number: 88387
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount PAR® Transient Voltage Suppressors
High Temperature Stability and High Reliability Conditions
FEATURES
• Junction passivation optimized design passivated
anisotropic rectifier technology
•TJ = 175 °C capability suitable for high reliability
and automotive requirement
• Available in uni-directional polarity only
• Low leakage current
• Low forward voltage drop
• High surge capability
• Meets ISO7637-2 surge specification (varied by test
condition)
• Meets MSL level 1, per J-STD-020, LF maximum peak of
245 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting,
especially for automotive load dump protection application.
MECHANICAL DATA
Case: DO-218AB
Molding compound meets UL 94 V-0 flammability rating
Base P/NHE3 - RoHS compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
HE3 suffix meets JESD 201 class 2 whisker test
Polarity: Heatsink is anode
Note
(1) Non-repetitive current pulse derated above TA = 25 °C
PRIMARY CHARACTERISTICS
VWM
10 V to 43 V
PPPM (10 x 1000 μs)
6600 W
PPPM (10 x 10 000 μs)
5200 W
PD
8 W
IFSM
700 A
TJ max.
175 °C
DO-218AB
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation
with 10/1000 μs waveform
PPPM
6600
W
with 10/10 000 μs waveform
5200
Power dissipation on infinite heatsink at TC = 25 °C (fig. 1)
PD
8.0
W
Peak pulse current with 10/1000 μs waveform
IPPM (1)
See next table
A
Peak forward surge current 8.3 ms single half sine-wave
IFSM
700
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Podobny numer części - SM8S30A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SM8S30A VISHAY-SM8S30A Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
SUNMATE electronic Co.,...
SM8S30A SUNMATE-SM8S30A Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SM8S30A HUAXINAN-SM8S30A Datasheet
443Kb / 4P
   6600W Transient Voltage Suppressors
logo
Vishay Siliconix
SM8S30A VISHAY-SM8S30A Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Shanghai Shunye Electro...
SM8S30A SHUNYE-SM8S30A Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
More results

Podobny opis - SM8S30A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SM8A27T VISHAY-SM8A27T Datasheet
96Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 24-Mar-15
SM5S24AHE3-2D VISHAY-SM5S24AHE3-2D Datasheet
87Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 14-Sep-11
TPSMB30AHE3-5BT VISHAY-TPSMB30AHE3-5BT Datasheet
90Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 05-Oct-12
SM8S10AT VISHAY-SM8S10AT_V01 Datasheet
123Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPSMA43A VISHAY-TPSMA43A_V01 Datasheet
96Kb / 5P
   Surface-Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPSMB43A VISHAY-TPSMB43A_V01 Datasheet
99Kb / 5P
   Surface-Mount PAR® Transient Voltage Suppressors
01-Jan-2022
3KASMC13AHE3-57T VISHAY-3KASMC13AHE3-57T Datasheet
93Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 14-Dec-12
SM8S10AT VISHAY-SM8S10AT Datasheet
99Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 20-Mar-15
TPC36CA VISHAY-TPC36CA_V01 Datasheet
92Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPSMC47A VISHAY-TPSMC47A_V01 Datasheet
97Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPC51A VISHAY-TPC51A Datasheet
102Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com