Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC0805N821K500CT Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części MC0805N821K500CT
Szczegółowy opis  Multilayer Ceramic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

MC0805N821K500CT Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  MC0805N821K500CT Datasheet HTML 1Page - List of Unclassifed Manufacturers MC0805N821K500CT Datasheet HTML 2Page - List of Unclassifed Manufacturers MC0805N821K500CT Datasheet HTML 3Page - List of Unclassifed Manufacturers MC0805N821K500CT Datasheet HTML 4Page - List of Unclassifed Manufacturers MC0805N821K500CT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RoHS
Compliant
Tape & Reel Dimension
NO.
NPO/X7R
X7R/X5R/Y5V
1
2
AgPd alloy
Ni
3
Inner layer
Ag
Cu
4
Middle layer
5
Outer layer
Sn (Matt)
Ni
BaTiO3 based
Ceramic material
Inner electrode
Termination
Name
B
1.25±0.1
2.00±0.15
Capacitor Dimension
M
W (mm)
L (mm)
0.50±0.20


Podobny numer części - MC0805N821K500CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RCD COMPONENTS INC.
MC0805 RCD-MC0805 Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
logo
International Rectifier
MC0805B224K250CT IRF-MC0805B224K250CT Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
MC0805B274K160CT IRF-MC0805B274K160CT Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
MC0805B474K160CT IRF-MC0805B474K160CT Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
logo
RCD COMPONENTS INC.
MC0805P RCD-MC0805P Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
More results

Podobny opis - MC0805N821K500CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com