Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL3695DRE4 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części TL3695DRE4
Szczegółowy opis  DIFFERENTIAL BUS TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL3695DRE4 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TL3695DRE4 Datasheet HTML 7Page - Texas Instruments TL3695DRE4 Datasheet HTML 8Page - Texas Instruments TL3695DRE4 Datasheet HTML 9Page - Texas Instruments TL3695DRE4 Datasheet HTML 10Page - Texas Instruments TL3695DRE4 Datasheet HTML 11Page - Texas Instruments TL3695DRE4 Datasheet HTML 12Page - Texas Instruments TL3695DRE4 Datasheet HTML 13Page - Texas Instruments TL3695DRE4 Datasheet HTML 14Page - Texas Instruments TL3695DRE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TL3695
DIFFERENTIAL BUS TRANSCEIVER
SLLS044D − NOVEMBER 1988 − REVISED DECEMBER 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
−20
1.5
1
0.5
0
0
2
2.5
3
3.5
4
4.5
5
DRIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
VCC = 5 V
TA = 25°C
− 40
− 60
− 80
− 100
− 120
1.5
1
0.5
0
020
40
60
2
2.5
3
80
100
120
3.5
4
4.5
5
DRIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
VCC = 5 V
TA = 25°C
Figure 10
2
1.5
0.5
0
0
10
2030
405060
3
4
70
1
3.5
2.5
80
90 100
IO − Output Current − mA
DRIVER
DIFFERENTIAL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VCC = 5 V
TA = 25°C
Figure 11
Operation of the device at these or any other conditions beyond those indicated under ‘‘recommended operating conditions” is not implied.


Podobny numer części - TL3695DRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL3695D TI-TL3695D Datasheet
195Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results

Podobny opis - TL3695DRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com