Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM31256-GTR Arkusz danych(PDF) 3 Page - Cypress Semiconductor

Numer części FM31256-GTR
Szczegółowy opis  Integrated Processor Companion with Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM31256-GTR Arkusz danych(HTML) 3 Page - Cypress Semiconductor

  FM31256-GTR Datasheet HTML 1Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 2Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 3Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 4Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 5Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 6Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 7Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 8Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
FM31256/3164 Processor Companion
Document Number: 001-86391 Rev. *B
Page 3 of 27
Figure 1. Block Diagram
Pin Descriptions
Pin Name
Type
Pin Description
A0, A1
Input
Device select inputs are used to address multiple memories on a serial bus. To select
the device the address value on the two pins must match the corresponding bits
contained in the device address. The device select pins are pulled down internally.
CNT1, CNT2
Input
Event Counter Inputs: These battery-backed inputs increment counters when an edge is
detected on the corresponding CNT pin. The polarity is programmable. These pins
should not be left floating. Tie to ground if pins are not used.
CAL/PFO
Output
In calibration mode, this pin supplies a 512 Hz square-wave output for clock
calibration. In normal operation, this is the early power-fail output.
X1, X2
I/O
32.768 kHz crystal connection. When using an external oscillator, apply the clock to
X1 and a DC mid-level to X2 (see Crystal Oscillator section for suggestions).
/RST
I/O
Active low reset output with weak pull-up. Also input for manual reset.
SDA
I/O
Serial Data & Address: This is a bi-directional line for the two-wire interface. It is
open-drain and is intended to be wire-OR’d with other devices on the two-wire bus.
The input buffer incorporates a Schmitt trigger for noise immunity and the output
driver includes slope control for falling edges. A pull-up resistor is required.
SCL
Input
Serial Clock: The serial clock line for the two-wire interface. Data is clocked out of the
part on the falling edge, and in on the rising edge. The SCL input also incorporates a
Schmitt trigger input for noise immunity.
PFI
Input
Early Power-fail Input: Typically connected to an unregulated power supply to detect
an early power failure. This pin should not be left floating.
VBAK
Supply
Backup supply voltage: A 3V battery or a large value capacitor. If VDD<3.6V and no
backup supply is used, this pin should be tied to VDD. If VDD>3.6V and no backup
supply is used, this pin should be left floating and the VBC bit should be set.
VDD
Supply
Supply Voltage
VSS
Supply
Ground
FRAM
Array
2-Wire
Interface
SCL
SDA
RST
A1, A0
CAL/PFO
PFI
VDD
VBAK
RTC
2.5V
-
+
RTC Registers
Event
Counters
CNT1
CNT2
Special
Function
Registers
S/N
X1
X2
LockOut
LockOut
+
-
1.2V
Watchdog
LV Detect
Switched Power
512Hz
RTC Cal.
Battery Backed
Nonvolatile


Podobny numer części - FM31256-GTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM31256-G RAMTRON-FM31256-G Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
More results

Podobny opis - FM31256-GTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com