Zakładka z wyszukiwarką danych komponentów |
|
74HCT02N Arkusz danych(PDF) 3 Page - NXP Semiconductors |
|
74HCT02N Arkusz danych(HTML) 3 Page - NXP Semiconductors |
3 / 16 page 74HC_HCT02 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 4 — 4 September 2012 3 of 16 NXP Semiconductors 74HC02; 74HCT02 Quad 2-input NOR gate 6. Functional description [1] H = HIGH voltage level; L = LOW voltage level; X = don’t care. 7. Limiting values [1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] For DIP14 package: Ptot derates linearly with 12 mW/K above 70 C. For SO14 package: Ptot derates linearly with 8 mW/K above 70 C. For (T)SSOP14 packages: Ptot derates linearly with 5.5 mW/K above 60 C. For DHVQFN14 packages: Ptot derates linearly with 4.5 mW/K above 60 C. 8. Recommended operating conditions Table 3. Function table[1] Input Output nA nB nY LLH XH L HX L Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage 0.5 +7 V IIK input clamping current VI < 0.5 V or VI >VCC +0.5 V [1] - 20 mA IOK output clamping current VO < 0.5 V or VO >VCC +0.5 V [1] - 20 mA IO output current 0.5 V < V O < VCC +0.5 V - 25 mA ICC supply current - 50 mA IGND ground current 50 - mA Tstg storage temperature 65 +150 C Ptot total power dissipation [2] DIP14 package - 750 mW SO14, (T)SSOP14 and DHVQFN14 packages - 500 mW Table 5. Recommended operating conditions Voltages are referenced to GND (ground = 0 V) Symbol Parameter Conditions 74HC02 74HCT02 Unit Min Typ Max Min Typ Max VCC supply voltage 2.0 5.0 6.0 4.5 5.0 5.5 V VI input voltage 0 - VCC 0- VCC V VO output voltage 0 - VCC 0- VCC V Tamb ambient temperature 40 - +125 40 - +125 C |
Podobny numer części - 74HCT02N |
|
Podobny opis - 74HCT02N |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |